Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 58 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 58 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 54Page - Teccor Electronics P2202ACMC Datasheet HTML 55Page - Teccor Electronics P2202ACMC Datasheet HTML 56Page - Teccor Electronics P2202ACMC Datasheet HTML 57Page - Teccor Electronics P2202ACMC Datasheet HTML 58Page - Teccor Electronics P2202ACMC Datasheet HTML 59Page - Teccor Electronics P2202ACMC Datasheet HTML 60Page - Teccor Electronics P2202ACMC Datasheet HTML 61Page - Teccor Electronics P2202ACMC Datasheet HTML 62Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 212 page
background image
Four-Port Balanced Three-chip Protector
http://www.teccor.com
2 - 40
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Four-Port Balanced Three-chip Protector
This hybrid Single In-line Package (SIP) protects four twisted pairs from overcurrent and
overvoltage conditions. Comprised of twelve discrete DO-214AA SIDACtor devices and
eight TeleLink surface mount fuses, it is ideal for densely populated line cards that cannot
afford PCB inefficiencies or the use of series power resistors. Surge current ratings up to
500 A are available.
* For individual “ZA,” “ZB,” and “ZC” surge ratings, see table below.
** Asymmetrical
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 4-3 and Pins 2-3 at 1 MHz with a 2 V bias and is a typical value for “ZA” product.
“ZB” and “ZC” capacitance is approximately 10 pF higher.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
1
2
3
4
5
Tip
Gnd
Ring
F2
F1
Z1
Z3
Z2
6
7
8
9
10
Tip
Gnd
Ring
F4
F3
Z4
Z6
Z5
11
12
13
14
15
Tip
Gnd
Ring
F6
F5
Z7
Z9
Z8
16
17
18
19
20
Tip
Gnd
Ring
F8
F7
Z10
Z12
Z11
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 2-3, 4-3, 7-8, 9-8,
12-13, 14-13, 17-18, 19-18
Pins 2-4, 7-9,
12-14, 17-19
Pins 1-3
P1553Z_
130
180
130
180
8
5
800
2.2
150
40
P1803Z_
150
210
150
210
8
5
800
2.2
150
40
P2103Z_
170
250
170
250
8
5
800
2.2
150
40
P2353Z_
200
270
200
270
8
5
800
2.2
150
40
P2703Z_
230
300
230
300
8
5
800
2.2
150
30
P3203Z_
270
350
270
350
8
5
800
2.2
150
30
P3403Z_
300
400
300
400
8
5
800
2.2
150
30
A2106Z_ **
170
250
50
80
8
5
800
2.2
120
40
A5030Z_ **
400
550
270
350
8
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com