Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 99 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 99 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 95Page - Teccor Electronics P2202ACMC Datasheet HTML 96Page - Teccor Electronics P2202ACMC Datasheet HTML 97Page - Teccor Electronics P2202ACMC Datasheet HTML 98Page - Teccor Electronics P2202ACMC Datasheet HTML 99Page - Teccor Electronics P2202ACMC Datasheet HTML 100Page - Teccor Electronics P2202ACMC Datasheet HTML 101Page - Teccor Electronics P2202ACMC Datasheet HTML 102Page - Teccor Electronics P2202ACMC Datasheet HTML 103Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 212 page
background image
High Speed Transmission Equipment
© 2002 Teccor Electronics
3 - 11
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 3.12 ISDN Protection
Component Selection
The “SC MC” SIDACtor devices and F1250T TeleLink fuse were chosen because these
components meet GR 1089 surge immunity requirements without the use of additional
series resistance. An MC is chosen to reduce degradation of data rates. The P2600SC MC
voltage rating was selected to ensure coordination with MLT voltages that can approach
150 V rms. The voltage rating of the P0640SC MC was selected to ensure coordination with
varying signal voltages.
Pair Gain Circuit Protection
A digital pair gain system differs from an ISDN circuit in that ring detection, ring trip, ring
forward, and off-hook detection are carried within the 64 kbps bit stream for each channel
rather than using a separate D channel. The pair gain system also uses loop powering from
10 V up to 145 V with a typical maximum current of 75 mA. (Figure 3.13)
Figure 3.13 Pair Gain Overview
Tip
Ring
P2600SC MC
Power
Source
ISDN
Transceiver
F1250T
TX
P0640SC MC
RX
F1250T
F1250T
Power
Sink
P0640SC MC
RX
TX
ISDN
Transceiver
ISDN U-Interface
ISDN S/T Interface
Switching
System
Line powered
DSL 2-Wire,
160 kbps
2B1Q
POTS
Line 1
Line 2
MDF
Central Office
Terminal (COT)
VF
1
VF
2
HF
VF
1
VF
2
HF
Remote
Terminal
Remote Terminal (RT)
building or pedestal
mounted
POTS
Customer
Premises
(CP)
Central Office (CO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com