Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 36 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 36 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 32Page - Teccor Electronics P2202ACMC Datasheet HTML 33Page - Teccor Electronics P2202ACMC Datasheet HTML 34Page - Teccor Electronics P2202ACMC Datasheet HTML 35Page - Teccor Electronics P2202ACMC Datasheet HTML 36Page - Teccor Electronics P2202ACMC Datasheet HTML 37Page - Teccor Electronics P2202ACMC Datasheet HTML 38Page - Teccor Electronics P2202ACMC Datasheet HTML 39Page - Teccor Electronics P2202ACMC Datasheet HTML 40Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 212 page
background image
MicroCapacitance (MC) SIDACtor Device
http://www.teccor.com
2 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
MicroCapacitance (MC) SIDACtor Device
The TO-92 MC SIDACtor series is intended for applications sensitive to load values.
Typically, high speed connections require a lower capacitance. CO values for MC devices
are 40% lower than a standard EC part.
This MC SIDACtor series is used to enable equipment to meet various regulatory
requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-
968 (formerly known as FCC Part 68) without the need of series resistors.
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0640EC MC
58
77
4
5
800
2.2
150
60
P1500EC MC
140
180
4
5
800
2.2
150
50
P2600EC MC
220
300
4
5
800
2.2
150
40
P3100EC MC
275
350
4
5
800
2.2
150
40
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com