Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 78 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 78 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 74Page - Teccor Electronics P2202ACMC Datasheet HTML 75Page - Teccor Electronics P2202ACMC Datasheet HTML 76Page - Teccor Electronics P2202ACMC Datasheet HTML 77Page - Teccor Electronics P2202ACMC Datasheet HTML 78Page - Teccor Electronics P2202ACMC Datasheet HTML 79Page - Teccor Electronics P2202ACMC Datasheet HTML 80Page - Teccor Electronics P2202ACMC Datasheet HTML 81Page - Teccor Electronics P2202ACMC Datasheet HTML 82Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 212 page
background image
CATV and HFC SIDACtor Device
http://www.teccor.com
2 - 60
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
CATV and HFC SIDACtor Device
This SIDACtor device is a 1000 A solid state protection device offered in a TO-220 package.
It protects equipment located in the severe surge environment of Community Antenna TV
(CATV) applications.
Used in Hybrid Fiber Coax (HFC) applications, this device replaces the gas tube
traditionally used for station protection, because a SIDACtor device has a much tighter
voltage tolerance.
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-3
P1400AD
120
160
3
5
800
2.2
50
200
P1800AD
170
220
5.5
5
800
2.2
50
150
Surge Ratings
Series
IPP
8x20 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
D
1000
250
120
500
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com