Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 87 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 87 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 83Page - Teccor Electronics P2202ACMC Datasheet HTML 84Page - Teccor Electronics P2202ACMC Datasheet HTML 85Page - Teccor Electronics P2202ACMC Datasheet HTML 86Page - Teccor Electronics P2202ACMC Datasheet HTML 87Page - Teccor Electronics P2202ACMC Datasheet HTML 88Page - Teccor Electronics P2202ACMC Datasheet HTML 89Page - Teccor Electronics P2202ACMC Datasheet HTML 90Page - Teccor Electronics P2202ACMC Datasheet HTML 91Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 212 page
background image
TeleLink Fuse
© 2002 Teccor Electronics
2 - 69
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Temperature Derating Curve
Operating temperature is -55 °C to +125 °C with proper correction factor applied.
Chart of Correction Factor
* Higher currents and PCB layout designs can affect this parameter.
Notes:
• Readings are measured at rated current after temperature stabilizes
• The F1250T meets the requirements of UL 248-14. However, board layout, board trace widths, and ambient
temperature values can cause higher than expected rises in temperature. During UL testing, the typical
recorded heat rise for the F1250T at 2.2 A was 120 °C.
Maximum Temperature Rise
TeleLink Fuse
Temperature Reading
F0500T
£75 °C (167 °F) *
F1250T
£75 °C (167 °F) *
F1251T
£75 °C (167 °F) *
30
-55
-60 -40
-20
0
20
40
60
80
100 125
40
50
60
70
80
90
100
110
Ambient ˚C
Effect on
Current Rating
120
130
140
150
Package Symbolization
Marking
F0500T
F1250T
F1251T
Manufactured in
USA
Manufactured in
Taiwan
FU
F
U
FT
F
T
JU
J
U
JT
J
T
NU
N
U
NT
N
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com