Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 14 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 14 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 10Page - Teccor Electronics P2202ACMC Datasheet HTML 11Page - Teccor Electronics P2202ACMC Datasheet HTML 12Page - Teccor Electronics P2202ACMC Datasheet HTML 13Page - Teccor Electronics P2202ACMC Datasheet HTML 14Page - Teccor Electronics P2202ACMC Datasheet HTML 15Page - Teccor Electronics P2202ACMC Datasheet HTML 16Page - Teccor Electronics P2202ACMC Datasheet HTML 17Page - Teccor Electronics P2202ACMC Datasheet HTML 18Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 212 page
background image
Electrical Parameters
http://www.teccor.com
1 - 10
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Electrical Parameters
Electrical parameters are based on the following definition of conditions:
• On state (also referred to as the crowbar condition) is the low impedance condition
reached during full conduction and simulates a short circuit.
• Off state (also referred to as the blocking condition) is the high impedance condition prior
to beginning conduction and simulates an open circuit.
CO
Off-state Capacitance — typical capacitance measured in off state
di/dt
Rate of Rise of Current — maximum rated value of the acceptable rate of
rise in current over time
dv/dt
Rate of Rise of Voltage — rate of applied voltage over time
IS
Switching Current — maximum current required to switch to on state
IDRM
Leakage Current — maximum peak off-state current measured at VDRM
IH
Holding Current — minimum current required to maintain on state
IPP
Peak Pulse Current — maximum rated peak impulse current
IT
On-state Current — maximum rated continuous on-state current
ITSM
Peak One-cycle Surge Current — maximum rated one-cycle AC current
VS
Switching Voltage — maximum voltage prior to switching to on state
VDRM
Peak Off-state Voltage — maximum voltage that can be applied while
maintaining off state
VF
On-state Forward Voltage — maximum forward voltage measured at rated
on-state current
VT
On-state Voltage — maximum voltage measured at rated on-state current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com