Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 74 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 74 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 70Page - Teccor Electronics P2202ACMC Datasheet HTML 71Page - Teccor Electronics P2202ACMC Datasheet HTML 72Page - Teccor Electronics P2202ACMC Datasheet HTML 73Page - Teccor Electronics P2202ACMC Datasheet HTML 74Page - Teccor Electronics P2202ACMC Datasheet HTML 75Page - Teccor Electronics P2202ACMC Datasheet HTML 76Page - Teccor Electronics P2202ACMC Datasheet HTML 77Page - Teccor Electronics P2202ACMC Datasheet HTML 78Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
Battrax Dual Positive/Negative SLIC Protector
http://www.teccor.com
2 - 56
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Battrax Dual Positive/Negative SLIC Protector
This Battrax device protects Subscriber Line Interface Circuits (SLIC) that use both a
positive and negative Ring voltage. It limits transient voltages with rise times of 100 V/
µs to VREF ±10 V.
Teccor’s six-pin Battrax devices are constructed using four SCRs and four gate diodes.
The SCRs conduct when a voltage that is more negative than -VREF (and/or more
positive than +VREF) is applied to the cathode (Pins 1 and 3) of the SCR. During
conduction, the SCRs appear as a low-resistive path which forces all transients to be
shorted to ground.
For a diagram of a Battrax application, see Figure 3.30.
* For individual “UA” and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• IPP ratings assume a VREF = ±48 V.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value. “UC” product is approximately 2x the listed value.
• Positive Battrax information is preliminary data.
• VREF maximum value for the negative Battrax is -200 V.
• VREF maximum value for the positive Battrax is 110 V.
** Call factory for release date.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IGT
mAmps
IT
Amps
IH
mAmps
CO
pF
B3104U_
|-VREF| + |±1.2V|
|-VREF| + |±10V|
4
5
100
1
100
50
B3164U_
|-VREF| + |±1.2V|
|-VREF| + |±10V|
4
5
100
1
160
50
B3204U_
|-VREF| + |±1.2V|
|-VREF| + |±10V|
4
5
100
1
200
50
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
C**
500
400
200
120
100
50
500
1
3
2
(T)
(-VREF)
(R)
Ground
4, 6
5
(+VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com