Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 76 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 76 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 72Page - Teccor Electronics P2202ACMC Datasheet HTML 73Page - Teccor Electronics P2202ACMC Datasheet HTML 74Page - Teccor Electronics P2202ACMC Datasheet HTML 75Page - Teccor Electronics P2202ACMC Datasheet HTML 76Page - Teccor Electronics P2202ACMC Datasheet HTML 77Page - Teccor Electronics P2202ACMC Datasheet HTML 78Page - Teccor Electronics P2202ACMC Datasheet HTML 79Page - Teccor Electronics P2202ACMC Datasheet HTML 80Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 212 page
background image
Battrax Quad Negative SLIC Protector
http://www.teccor.com
2 - 58
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Battrax Quad Negative SLIC Protector
This Battrax device is an integrated overvoltage protection solution for SLIC-based
(Subscriber Line Interface Circuit) line cards. This six-pin device is constructed using
four SCRs and four gate diodes.
The device is referenced to VBAT and conducts when a voltage that is more negative
than -VREF is applied to the cathode (pins 1, 3, 4, or 6) of the SCR. During conduction,
all negative transients are shorted to Ground. All positive transients are passed to
Ground by steering diodes.
For specific diagrams showing these Battrax applications, see Figure 3.28.
* For individual “UA” and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• IPP ratings assume a VREF = ±48 V.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value. “UC” product is approximately 2x the listed value.
• VREF maximum value for the negative Battrax is -200 V.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IGT
mAmps
IT
Amps
IH
mAmps
CO
pF
B1101U_4
|-VREF| + |-1.2V|
|-VREF| + |-10V|
4
5
100
1
100
50
B1161U_4
|-VREF| + |-1.2V|
|-VREF| + |-10V|
4
5
100
1
160
50
B1201U_4
|-VREF| + |-1.2V|
|-VREF| + |-10V|
4
5
100
1
200
50
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
C
500
400
200
120
100
50
500
1
(T)
3
(R)
2
(-V
REF)
Ground
5
(T)
6
(R)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com