Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 42 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 42 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 38Page - Teccor Electronics P2202ACMC Datasheet HTML 39Page - Teccor Electronics P2202ACMC Datasheet HTML 40Page - Teccor Electronics P2202ACMC Datasheet HTML 41Page - Teccor Electronics P2202ACMC Datasheet HTML 42Page - Teccor Electronics P2202ACMC Datasheet HTML 43Page - Teccor Electronics P2202ACMC Datasheet HTML 44Page - Teccor Electronics P2202ACMC Datasheet HTML 45Page - Teccor Electronics P2202ACMC Datasheet HTML 46Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 212 page
background image
Multiport Balanced SIDACtor Device
http://www.teccor.com
2 - 24
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Multiport Balanced SIDACtor Device
This multiport balanced protector is a surface mount alternative to the modified TO-220
package. It is based on a six-pin surface mount SOIC package and uses Teccor’s
patented “Y” (US Patent 4,905,119) configuration. It is available in surge current ratings up
to 500 A.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68).
* For individual “UA”, “UB”, and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “UA” product. “UB”
and “UC” capacitance is approximately 10 pF higher.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
Electrical Parameters — Symmetrical
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volt
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 2-3, 1-3
Pins 4-5, 5-6, 4-6
Pins 3-2, 6-5, 1-2, 4-5
P1556U_
130
180
130
180
8
5
800
2.2
150
50
P1806U_
150
210
150
210
8
5
800
2.2
150
50
P2106U_
170
250
170
250
8
5
800
2.2
150
40
P2356U_
200
270
200
270
8
5
800
2.2
150
40
P2706U_
230
300
230
300
8
5
800
2.2
150
40
P3206U_
270
350
270
350
8
5
800
2.2
150
40
P3406U_
300
400
300
400
8
5
800
2.2
150
40
P5106U_
420
600
420
600
8
5
800
2.2
150
40
Electrical Parameters — Asymmetrical
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volt
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 2-3, 4-5,
5-6
Pins 4-6, 1-3
A2106U_6
170
250
50
80
3.5
5
800
2.2
120
40
A5030U_6
400
550
270
350
3.5
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
1
4
6
3
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com