Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 52 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 52 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 48Page - Teccor Electronics P2202ACMC Datasheet HTML 49Page - Teccor Electronics P2202ACMC Datasheet HTML 50Page - Teccor Electronics P2202ACMC Datasheet HTML 51Page - Teccor Electronics P2202ACMC Datasheet HTML 52Page - Teccor Electronics P2202ACMC Datasheet HTML 53Page - Teccor Electronics P2202ACMC Datasheet HTML 54Page - Teccor Electronics P2202ACMC Datasheet HTML 55Page - Teccor Electronics P2202ACMC Datasheet HTML 56Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
http://www.teccor.com
2 - 34
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Balanced Three-chip MicroCapacitance (MC)
SIDACtor Device
The balanced three-chip TO-220 MC SIDACtor solid state device protects telecommunica-
tion equipment in high-speed applications that are sensitive to load values and that require
a lower capacitance. CO values for the MC are 40% lower than a standard AC part.
This MC SIDACtor series is used to enable equipment to meet various regulatory
requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and
TIA-968 (formerly known as FCC Part 68) without the need of series resistors.
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 2-3
Pins 1-3
P1553AC MC
130
180
130
180
8
5
800
2.2
150
40
P1803AC MC
150
210
150
210
8
5
800
2.2
150
40
P2103AC MC
170
250
170
250
8
5
800
2.2
150
40
P2353AC MC
200
270
200
270
8
5
800
2.2
150
40
P2703AC MC
230
300
230
300
8
5
800
2.2
150
30
P3203AC MC
270
350
270
350
8
5
800
2.2
150
30
P3403AC MC
300
400
300
400
8
5
800
2.2
150
30
P5103AC MC
420
600
420
600
8
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
C
500
400
200
150
100
50
500
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com