Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 44 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 44 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 40Page - Teccor Electronics P2202ACMC Datasheet HTML 41Page - Teccor Electronics P2202ACMC Datasheet HTML 42Page - Teccor Electronics P2202ACMC Datasheet HTML 43Page - Teccor Electronics P2202ACMC Datasheet HTML 44Page - Teccor Electronics P2202ACMC Datasheet HTML 45Page - Teccor Electronics P2202ACMC Datasheet HTML 46Page - Teccor Electronics P2202ACMC Datasheet HTML 47Page - Teccor Electronics P2202ACMC Datasheet HTML 48Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
SIDACtor Device
http://www.teccor.com
2 - 26
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
SIDACtor Device
The modified TO-220 Type 61 SIDACtor solid state protection device can be used in
telecommunication protection applications that do not reference earth ground.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68).
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P2000AA61
180
220
4
5
800
2.2
150
30
P2200AA61
200
240
4
5
800
2.2
150
30
P2400AA61
220
260
4
5
800
2.2
150
30
P2500AA61
240
290
4
5
800
2.2
150
30
P3000AA61
270
330
4
5
800
2.2
150
30
P3300AA61
300
360
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
0.2x310 µs
Amps
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
5x320 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
20
150
150
90
50
75
45
20
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com