Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 64 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 64 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 60Page - Teccor Electronics P2202ACMC Datasheet HTML 61Page - Teccor Electronics P2202ACMC Datasheet HTML 62Page - Teccor Electronics P2202ACMC Datasheet HTML 63Page - Teccor Electronics P2202ACMC Datasheet HTML 64Page - Teccor Electronics P2202ACMC Datasheet HTML 65Page - Teccor Electronics P2202ACMC Datasheet HTML 66Page - Teccor Electronics P2202ACMC Datasheet HTML 67Page - Teccor Electronics P2202ACMC Datasheet HTML 68Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 212 page
background image
Fixed Voltage SLIC Protector
http://www.teccor.com
2 - 46
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Fixed Voltage SLIC Protector
These DO-214AA unidirectional protectors are constructed with a SIDACtor device and an
integrated diode. They protect SLICs (Subscriber Line Interface Circuits) from damage
during transient voltage activity and enable line cards to meet various regulatory
requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-
968 (formerly known as FCC Part 68).
For specific design criteria, see details in Figure 3.21.
* For individual “SA” and “SC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• VDRM is measured at IDRM.
• VS and VF are measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value for “SA” and “SB” product. “SC” capacitance is
approximately 2x the listed value.
• Parallel capacitive loads may affect electrical parameters.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
VF
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0641S_
58
77
4
5
5
800
1
120
70
P0721S_
65
88
4
5
5
800
1
120
70
P0901S_
75
98
4
5
5
800
1
120
70
P1101S_
95
130
4
5
5
800
1
120
70
Surge Ratings (Preliminary Data)
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
C
500
400
200
120
100
50
500
(T/R)
(G)
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com