Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 60 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 60 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 56Page - Teccor Electronics P2202ACMC Datasheet HTML 57Page - Teccor Electronics P2202ACMC Datasheet HTML 58Page - Teccor Electronics P2202ACMC Datasheet HTML 59Page - Teccor Electronics P2202ACMC Datasheet HTML 60Page - Teccor Electronics P2202ACMC Datasheet HTML 61Page - Teccor Electronics P2202ACMC Datasheet HTML 62Page - Teccor Electronics P2202ACMC Datasheet HTML 63Page - Teccor Electronics P2202ACMC Datasheet HTML 64Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 212 page
background image
Four-Port Longitudinal Two-chip Protector
http://www.teccor.com
2 - 42
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Four-Port Longitudinal Two-chip Protector
This hybrid Single In-line Package (SIP) protects four twisted pairs from overcurrent and
overvoltage conditions. Comprised of eight discrete DO-214AA SIDACtor devices and eight
TeleLink surface mount fuses, it is ideal for densely populated line cards that cannot afford
PCB inefficiencies or the use of series power resistors. Surge current ratings up to 500 A
are available.
* For individual “ZA,” “ZB,” and “ZC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 4-3 and Pins 2-3 at 1 MHz with a 2 V bias and is a typical value for “ZA” product.
“ZB” and “ZC” capacitance is approximately 2x higher.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
• Lower capacitance MC versions may be available. Contact factory for further information.
1
2
3
4
5
Tip
Gnd
Ring
F2
F1
Z1
Z2
6
7
8
9
10
Tip
Gnd
Ring
F4
F3
Z3
Z4
11
12
13
14
15
Tip
Gnd
Ring
F6
F5
Z5
Z6
16
17
18
19
20
Tip
Gnd
Ring
F8
F7
Z7
Z8
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 2-3, 4-3, 7-8, 9-8,
12-13, 14-13, 17-18, 19-18
Pins 2-4, 7-9,
12-14, 17-19
Pins
2-3, 3-4
P0602Z_
25
40
50
80
4
5
800
2.2
50
110
P1402Z_
58
77
116
154
4
5
800
2.2
150
50
P1602Z_
65
95
130
190
4
5
800
2.2
150
50
P2202Z_
90
130
180
260
4
5
800
2.2
150
40
P2702Z_
120
160
240
320
4
5
800
2.2
150
40
P3002Z_
140
180
280
360
4
5
800
2.2
150
40
P3602Z_
160
220
320
440
4
5
800
2.2
150
40
P4202Z_
190
250
380
500
4
5
800
2.2
150
30
P4802Z_
220
300
440
600
4
5
800
2.2
150
30
P6002Z_
275
350
550
700
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com