Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 103 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 103 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 99Page - Teccor Electronics P2202ACMC Datasheet HTML 100Page - Teccor Electronics P2202ACMC Datasheet HTML 101Page - Teccor Electronics P2202ACMC Datasheet HTML 102Page - Teccor Electronics P2202ACMC Datasheet HTML 103Page - Teccor Electronics P2202ACMC Datasheet HTML 104Page - Teccor Electronics P2202ACMC Datasheet HTML 105Page - Teccor Electronics P2202ACMC Datasheet HTML 106Page - Teccor Electronics P2202ACMC Datasheet HTML 107Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 212 page
background image
High Speed Transmission Equipment
© 2002 Teccor Electronics
3 - 15
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
exceed 10 mAPK at any time. As an alternative to carrying out this test
on the complete equipment or device, the test may be carried out
separately on components, subassemblies, and simulated circuits,
outside the unit, provided that the test results would be representative of
the results of testing the complete unit.
Figure 3.17 T1/E1 Protection
The peak voltage for 120 V rms is 169.7 V. The minimum stand-off voltage for the P1800 is
170 V, therefore, the P1800SC MC will pass the test in Section 4.4.5.2 by not allowing
10 mA of current to flow during the application of this test voltage.
For the transceiver side of the coupling transformer, additional overvoltage protection is
shown in Figure 3.17 using the P0300SA SIDACtor device. When an earth ground
connection is not used, only metallic protection is required. Metallic protection is satisfied
using a single P0640SC MC SIDACtor device across Tip and Ring and a single F1250T
TeleLink fuse on either Tip or Ring.
Component Selection
The “SC MC” SIDACtor device and F1250T TeleLink fuse were chosen because these
components meet GR 1089 surge immunity requirements without the use of additional
series resistance. An MC is chosen to reduce degradation of data rates. The voltage rating
of the P1800SC MC was selected to ensure loop powering up to 150 V. The voltage rating
of the P0640SC MC was selected to ensure coordination with varying voltage signals.
T1
Transceiver
P0300SA
P1800SC MC
P1800SC MC
F1250T
F1250T
P0640SC MC
TX
RX
Power
Source
P0640SC MC
P1800SC MC
P1800SC MC
F1250T
F1250T
P0300SA
RX
TX
T1
Transceiver
COT
Regenerator
F1250T
F1250T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com