Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 105 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 105 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 101Page - Teccor Electronics P2202ACMC Datasheet HTML 102Page - Teccor Electronics P2202ACMC Datasheet HTML 103Page - Teccor Electronics P2202ACMC Datasheet HTML 104Page - Teccor Electronics P2202ACMC Datasheet HTML 105Page - Teccor Electronics P2202ACMC Datasheet HTML 106Page - Teccor Electronics P2202ACMC Datasheet HTML 107Page - Teccor Electronics P2202ACMC Datasheet HTML 108Page - Teccor Electronics P2202ACMC Datasheet HTML 109Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 212 page
background image
Analog Line Cards
© 2002 Teccor Electronics
3 - 17
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Analog Line Cards
Given that line cards are highly susceptible to transient voltages, network hazards such as
lightning and power cross conditions pose a serious threat to equipment deployed at the
central office and in remote switching locations. To minimize this threat, adequate levels of
protection must be incorporated to ensure reliable operation and regulatory compliance.
Protection Requirements
When designing overvoltage protection for analog line cards, it is often necessary to
provide both on-hook (relay) and off-hook (SLIC) protection. This can be accomplished in
two stages, as shown in Figure 3.20.
Figure 3.20 SLIC Overview
The following regulatory requirements may apply:
• GR 1089-CORE
• ITU-T K.20/K.21
• UL 60950
• TIA-968 (formerly known as FCC Part 68)
On-Hook (Relay) Protection
On-hook protection is accomplished by choosing a SIDACtor device that meets the
following criteria to ensure proper coordination between the ring voltage and the maximum
voltage rating of the relay to be protected.
VDRM > VBATT + VRING
VS
£ VRelay Breakdown
This criterion is typically accomplished using two P2600S_ SIDACtor devices (where _
denotes the surge current rating) connected from Tip to Ground and Ring to Ground.
However, for applications using relays such as an LCAS (Line Card Access Switch),
consider the P1200S_ from Tip to Ground and the P2000S_ from Ring to Ground.
R
E
L
A
Y
S
L
I
C
On Hook
Protection
Off Hook
Protection
F1250T
F1250T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com