Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 113 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 113 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 109Page - Teccor Electronics P2202ACMC Datasheet HTML 110Page - Teccor Electronics P2202ACMC Datasheet HTML 111Page - Teccor Electronics P2202ACMC Datasheet HTML 112Page - Teccor Electronics P2202ACMC Datasheet HTML 113Page - Teccor Electronics P2202ACMC Datasheet HTML 114Page - Teccor Electronics P2202ACMC Datasheet HTML 115Page - Teccor Electronics P2202ACMC Datasheet HTML 116Page - Teccor Electronics P2202ACMC Datasheet HTML 117Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 212 page
background image
PBX Systems
© 2002 Teccor Electronics
3 - 25
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
PBX Systems
Branch Exchange Switches
PBXs, KSUs, and PABXs contain line cards that support various transmission protocols
such as ISDN, T1/E1, HDSL, and ADSL (Figure 3.31). PBXs also have features such as a
POTS (plain old telephone service) pull-through which allows stations to have outside line
access in the event of power failure. All incoming lines to the PBX are subject to
environmental hazards such as lightning and power cross.
Figure 3.31 PBX Overview
Protection Requirements
Branch exchange switches should be protected against overvoltages that can exceed
800 V and surge currents up to 100 A.
The following regulatory requirements apply:
• TIA-968 (formerly known as FCC Part 68)
• UL 60950
Branch Exchange Reference Circuit
See the following sections of this data book for interface circuits used to protect of PBX line
cards:
• For POTS protection, see "Customer Premises Equipment (CPE)" on page 3-3.
• For ADSL protection, see "ADSL Circuit Protection" on page 3-7.
• For HDSL protection, see "HDSL Circuit Protection" on page 3-8.
• For ISDN protection, see "ISDN Circuit Protection" on page 3-10.
• For T1/E1 protection, see "T1/E1 Circuit Protection" on page 3-14.
• For Station Protection, see "Analog Line Cards" on page 3-17.
Stations
To Network
Logic
PBX
POTS
T1/E1
ADSL
HDSL
ISDN
Station Primary
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com