Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 129 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 129 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 125Page - Teccor Electronics P2202ACMC Datasheet HTML 126Page - Teccor Electronics P2202ACMC Datasheet HTML 127Page - Teccor Electronics P2202ACMC Datasheet HTML 128Page - Teccor Electronics P2202ACMC Datasheet HTML 129Page - Teccor Electronics P2202ACMC Datasheet HTML 130Page - Teccor Electronics P2202ACMC Datasheet HTML 131Page - Teccor Electronics P2202ACMC Datasheet HTML 132Page - Teccor Electronics P2202ACMC Datasheet HTML 133Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 212 page
background image
GR 1089–Core
© 2002 Teccor Electronics
4 - 5
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
AC Power Fault Test is that the EUT may be damaged, but it may not become a fire,
fragmentation, or electrical safety hazard. Passing criteria for the Current Limiter Test is that
the EUT may be damaged but it may not exceed the acceptable time/current criteria (that is,
cannot cause the wiring simulator as shown in Figure 4.2 to open) nor become a fire,
fragmentation, or electrical safety hazard.
The indicator used in measuring fire, fragmentation, and electrical safety hazards is a
bleached, untreated cotton cheesecloth wrapped around the EUT. Compliance with testing
is determined by the absence of ignition, charring, and the ejection of molten material or
fragments.
First Level Lightning Surge Test
To pass the First Level Lightning Surge Test, the EUT must be undamaged and continue to
operate properly after the stress is applied. This is referred to as passing “operationally.”
Table 4.3 presents the conditions for the First Level inter-building criteria. Applicants have
the option to submit their equipment to meet surges 1, 2, 4, and 5 or surges 3, 4, and 5.
Table 4.4 presents the conditions for the intra-building criteria.
Notes:
1. Primary protectors are removed for all tests.
2. For EUT containing secondary voltage limiting and current limiting protectors, tests are to be performed at the indicated voltage(s)
and repeated at a reduced voltage and current just below the operating threshold of the secondary protectors.
3. Test 1 and 2 can be replaced with Test 3 or vice versa.
4. Alternatively, a surge generator of 1.2x50 µs open-circuit voltage waveform (8x20 µs short-circuit current waveform) per
IEEE C62.41 may be used. The current shall be limited by the inclusion of a series 3
W resistor placed externally to the surge
generator.
5. This test is to be performed on up to 12 Tip and Ring pairs simultaneously.
Notes:
• For EUT containing secondary voltage limiting and current limiting protectors, tests are to be performed at the indicated voltage(s)
and repeated at a reduced voltage and current just below the operating threshold of the secondary protectors.
• Alternatively, a surge generator of 1.2x50 µs open-circuit voltage waveform (8x20 µs short-circuit current waveform) per
IEEE C62.41 may be used. The current shall be limited by the inclusion of a series 6
W resistor for Test 1 and a 12 W resistor for
Test 2, placed externally to the surge generator.
Table 4.3 First Level Lightning Surge Test
Test
(Notes 1 & 2)
Surge Voltage
(VPK)
Waveform
(µs)
Surge Current
per Conductor
(A)
Repetitions
Each Polarity
Test
Connections
(Table 4.1, Figure 4.1)
1
±600
10x1000
100
25
A
2 (Note 3)
±1000
10x360
100
25
A
3 (Note 3)
±1000
10x1000
100
25
A
4 (Note 4)
±2500
2x10
500
10
B
5 (Note 5)
±1000
10x360
25
5
B
Table 4.4 Intra-Building Lightning Surge Test
Test
Surge Voltage
(VPK)
Wave-form
(µs)
Surge Current
per Conductor
(A)
Repetitions Each
Polarity
Test Connections
(Table 4.1, Figure 4.1)
1
±800
2x10
100
1
A1, A2
2
±1500
2x10
100
1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com