Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 159 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 159 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 155Page - Teccor Electronics P2202ACMC Datasheet HTML 156Page - Teccor Electronics P2202ACMC Datasheet HTML 157Page - Teccor Electronics P2202ACMC Datasheet HTML 158Page - Teccor Electronics P2202ACMC Datasheet HTML 159Page - Teccor Electronics P2202ACMC Datasheet HTML 160Page - Teccor Electronics P2202ACMC Datasheet HTML 161Page - Teccor Electronics P2202ACMC Datasheet HTML 162Page - Teccor Electronics P2202ACMC Datasheet HTML 163Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 212 page
background image
Regulatory Compliant Solutions
© 2002 Teccor Electronics
4 - 35
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
TIA-968 (formerly known as FCC Part 68) and UL 60950
Because equipment that is tested to TIA-968 (formerly known as FCC Part 68)
specifications is also generally tested to UL 60950 specifications, it is easiest to look at a
solution that meets both FCC and UL requirements simultaneously.
TIA-968 Operational Solution and UL 60950
Figure 4.16 and Figure 4.17 show line interface protection circuits that meet UL 60950
power cross requirements and pass TIA-968 Type A and Type B lightning immunity tests
operationally.
Figure 4.16 Balanced Line Protection using Teccor’s “AC” Series
Figure 4.17 Metallic-only Solution using Teccor’s “SB” or “EB” Series
TIA-968 Non-Operational Solution and UL 60950
Although the circuits shown in Figure 4.16 and Figure 4.17 provide an operational solution
for TIA-968, TIA-968 allows telecommunications equipment to pass Type A surges non-
operationally as well. For non-operational TIA-968 solutions, coordinate the IPP rating of the
SIDACtor device and the I2t rating of the fuse so that both will withstand the TIA-968 Type B
surge, but that during the Type A surge the fuse will open.
Tip
Ring
To
Protected
Equipment
F1250T
F1250T
Tip
Ring
To
Protected
Equipment
F1250T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com