Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 178 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 178 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 174Page - Teccor Electronics P2202ACMC Datasheet HTML 175Page - Teccor Electronics P2202ACMC Datasheet HTML 176Page - Teccor Electronics P2202ACMC Datasheet HTML 177Page - Teccor Electronics P2202ACMC Datasheet HTML 178Page - Teccor Electronics P2202ACMC Datasheet HTML 179Page - Teccor Electronics P2202ACMC Datasheet HTML 180Page - Teccor Electronics P2202ACMC Datasheet HTML 181Page - Teccor Electronics P2202ACMC Datasheet HTML 182Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 212 page
background image
Overcurrent Protection
http://www.teccor.com
5 - 16
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
To select the most appropriate combination of TeleLink SM fuse and SIDACtor device,
decide the regulatory requirement your equipment must meet:
For applications that do not require agency approval or multiple listings, contact the factory.
Power/Line Feed Resistors
Typically manufactured with a ceramic case or substrate, power and line feed resistors
have the ability to sink a great deal of energy and are capable of withstanding both lightning
and power cross conditions.
Advantages
Power and line feed resistors are available with very tight resistive tolerances, making them
appropriate for applications that require precise longitudinal balance.
Restrictions
Because power and line feed resistors are typically very large and are not available in a
surface mount configuration, these devices are less than desirable from a manufacturing
point of view. Also, because a thermal link is typically not provided, power and line feed
resistors may require either a fuse or a PTC to act as the fusing element during a power
cross condition.
Applications
Power and line feed resistors are typically found on line cards that use overvoltage
protectors that cannot withstand the surge currents associated with applicable regulatory
requirements.
Flameproof Resistors
For cost-sensitive designs, small (1/8 W - 1/4 W), flameproof metal film resistors are often
used in lieu of PTCs, fuses, and power or line feed resistors. During a transient condition,
flameproof resistors open when the resultant energy is great enough to melt the metal used
in the device.
Advantages
Flameproof resistors are inexpensive and plentiful.
Regulatory Requirement
TeleLink SM Fuse
SIDACtor Device
GR 1089
F1250T
C Series
TIA-968, Type A
F1250T
B Series
TIA-968, Type B
F0500T
A Series
ITU K.20
F1250T
A Series
ITU K.21 Basic/Enhanced
F1250T
A Series
UL 60950
All
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com