Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 198 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 198 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 194Page - Teccor Electronics P2202ACMC Datasheet HTML 195Page - Teccor Electronics P2202ACMC Datasheet HTML 196Page - Teccor Electronics P2202ACMC Datasheet HTML 197Page - Teccor Electronics P2202ACMC Datasheet HTML 198Page - Teccor Electronics P2202ACMC Datasheet HTML 199Page - Teccor Electronics P2202ACMC Datasheet HTML 200Page - Teccor Electronics P2202ACMC Datasheet HTML 201Page - Teccor Electronics P2202ACMC Datasheet HTML 202Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 212 page
background image
Package Dimensions
http://www.teccor.com
6 - 8
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
TO-218
The TO-218 package is designed to meet mechanical standards as set forth in JEDEC
publication number 95.
Notes:
• Mold flash shall not exceed 0.13 mm per side.
• Maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 Nm).
• Pin 3 has no connection.
• Tab is non-isolated (connects to middle pin).
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.100
0.110
2.54
2.79
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
R
0.008
0.016
0.20
0.41
S
0.038
0.048
0.97
1.22
T
0.025
0.032
0.64
0.81
U
0.159
0.163
4.04
4.14
V
0.090
0.100
2.29
2.54
C
D
H
G
F
B
A
E
TC Measurement Point
U DIA.
P
PIN 3
J
PIN 2
PIN 1
M
N 3 Times
K
L
R
Q
Note: Maximum torque
to be applied to mounting
tab is 8 in-lbs. (0.904 Nm).
W
Tab is
connected to
PIN 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com