Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 205 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 205 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 201Page - Teccor Electronics P2202ACMC Datasheet HTML 202Page - Teccor Electronics P2202ACMC Datasheet HTML 203Page - Teccor Electronics P2202ACMC Datasheet HTML 204Page - Teccor Electronics P2202ACMC Datasheet HTML 205Page - Teccor Electronics P2202ACMC Datasheet HTML 206Page - Teccor Electronics P2202ACMC Datasheet HTML 207Page - Teccor Electronics P2202ACMC Datasheet HTML 208Page - Teccor Electronics P2202ACMC Datasheet HTML 209Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 212 page
background image
Packing Options
© 2002 Teccor Electronics
6 - 15
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
TO-92
Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard reel
pack quantity is 2000.
Notes:
• Part number suffix RP2 denotes 0.200” (5 mm) lead spacing and is Teccor’s default value.
• Part number suffix RP1 denotes 0.100” (2.54 mm) lead spacing and is available upon request.
The following figure shows the TO-92 Ammo Pack option:
Flat Down
1.62
(41.2)
0.708
(18.0)
0.354
(9.0)
0.236
(6.0)
0.02
(0.5)
0.50
(12.7)
14.17
(360.0)
0.20
(5.08)
0.125 (3.2) MAX
1.27
(32.2)
1.97
(50.0)
0.50
(12.7)
0.25
(6.35)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.157
DIA
(4.0)
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.85
(47.0)
13.3
(338.0)
12.2
(310.0)
1.85
(47.0)
0.157
DIA
(4.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com