Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 180 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 180 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 176Page - Teccor Electronics P3602ACMC Datasheet HTML 177Page - Teccor Electronics P3602ACMC Datasheet HTML 178Page - Teccor Electronics P3602ACMC Datasheet HTML 179Page - Teccor Electronics P3602ACMC Datasheet HTML 180Page - Teccor Electronics P3602ACMC Datasheet HTML 181Page - Teccor Electronics P3602ACMC Datasheet HTML 182Page - Teccor Electronics P3602ACMC Datasheet HTML 183Page - Teccor Electronics P3602ACMC Datasheet HTML 184Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 212 page
background image
PCB Layout
http://www.teccor.com
5 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
PCB Layout
Because the interface portion of a Printed Circuit Board (PCB) is subjected to high voltages
and surge currents, consideration should be given to the trace widths, trace separation, and
grounding.
Trace Widths
Based on the Institute for Interconnecting and Packaging Electronic Currents, IPC D 275
specifies the trace widths required for various current-carrying capacities. This is very
important for grounding conditions to ensure the integrity of the trace during a surge event.
The required width is dependent on the amount of copper used for the trace and the
acceptable temperature rise which can be tolerated. Teccor recommends a 0.025 inch trace
width with 1 ounce copper. (For example, a 38-AWG wire is approximately equal to 8 mils to
10 mils. Therefore, the minimum trace width should be greater than 10 mils.)
Figure 5.4 Current versus Area
The minimum width and thickness of conductors on a PCB is determined primarily by the
current-carrying capacity required. This current-carrying capacity is limited by the allowable
temperature rise of the etched copper conductor. An adjacent ground or power layer can
significantly reduce this temperature rise. A single ground plane can generally raise the
allowed current by 50%. An easy approximation can be generated by starting with the
information in Figure 5.4 to calculate the conductor cross-sectional area required. Once this
0
.125
.25
.50
1
2
3
4
5
8
12
0
1
10 20
100 150
300 400
500 600 700
Conductor Cross-Section Area (sq mils)
5
30 50 70
200 250
6
10
15
20
25
30
.75
1.5
7
10 ˚C
20 ˚C
30 ˚C
35
45 ˚C
60 ˚C
75 ˚C Allowable
Temperature
Rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com