Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 181 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 181 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 177Page - Teccor Electronics P3602ACMC Datasheet HTML 178Page - Teccor Electronics P3602ACMC Datasheet HTML 179Page - Teccor Electronics P3602ACMC Datasheet HTML 180Page - Teccor Electronics P3602ACMC Datasheet HTML 181Page - Teccor Electronics P3602ACMC Datasheet HTML 182Page - Teccor Electronics P3602ACMC Datasheet HTML 183Page - Teccor Electronics P3602ACMC Datasheet HTML 184Page - Teccor Electronics P3602ACMC Datasheet HTML 185Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 212 page
background image
PCB Layout
© 2002 Teccor Electronics
5 - 19
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
has been done, Figure 5.5 shows the conversion of the cross-sectional area to the required
conductor width, dependent on the copper foil thickness of the trace.
Figure 5.5 Conductor Width versus Area
Trace Separation
Tip and Ring traces are subjected to various transient and overvoltage conditions. To
prevent arcing between traces, minimum trace separation should be maintained. UL 60950
will provide additional information regarding creepage and clearance requirements, which
are dependent on the Comparative Tracking Index (CTI) rating of the PCB, working voltage,
and the expected operating environment. See "UL 60950 3rd Edition (formerly UL 1950, 3rd
edition)" on page 4-16 of this data book.
A good rule of thumb for outside layers is to maintain a minimum of 18 mils for 1kV isolation.
Route the Tip and Ring traces towards the edge of the PCB away from areas containing
static sensitive devices.
Grounding
Although often overlooked, grounding is a very important design consideration when laying
out a protection interface circuit. To optimize its effectiveness, several things should be
considered in sequence:
1. Provide a large copper plane with a grid pattern for the Ground reference point.
2. Decide if a single-point or a multi-point grounding scheme is to be used. A single-point
(also called centralized) grounding scheme is used for circuit dimensions smaller than
one-tenth of a wavelength (
l = 300,000/frequency) and a multi-point (distributed)
grounding scheme is used for circuit trace lengths greater than one-fourth of a
wavelength.
.350
.300
.250
.030
.010
.005
.001
0
1
10
20
100 150
300
400
500
600
700
Conductor Cross-Section Area (sq mils)
5
30 50 70
200
250
.050
.020
0
.070
.100
.150
.200
(1 oz/ft
2
) 0.0014"
(1/2
oz/ft
2
) 0.0007"
(2 oz/ft
2) 0.00
28"
(3 oz/ft
2) 0.00
42"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com