Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 185 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 185 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 181Page - Teccor Electronics P3602ACMC Datasheet HTML 182Page - Teccor Electronics P3602ACMC Datasheet HTML 183Page - Teccor Electronics P3602ACMC Datasheet HTML 184Page - Teccor Electronics P3602ACMC Datasheet HTML 185Page - Teccor Electronics P3602ACMC Datasheet HTML 186Page - Teccor Electronics P3602ACMC Datasheet HTML 187Page - Teccor Electronics P3602ACMC Datasheet HTML 188Page - Teccor Electronics P3602ACMC Datasheet HTML 189Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 212 page
background image
SIDACtor Soldering Recommendations
© 2002 Teccor Electronics
5 - 23
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
not exceed 275 °C and the maximum temperature of the plastic body does not exceed
250 °C. (Figure 5.8)
Figure 5.7 Principle of Vapor Phase Soldering
Figure 5.8 Reflow Soldering Profile
During reflow, the surface tension of the liquid solder draws the leads of the device towards
the center of the soldering area, correcting any misalignment that may have occurred
during placement and allowing the device to set flush on the pad. If the footprints of the pad
are not concentrically aligned, the same effect can result in undesirable shifts as well.
Therefore, it is important to use a standard contact pattern which leaves sufficient room for
self-positioning.
After the solder cools, connections should be visually inspected and remnants of the flux
removed using a vapor degreaser with an azeotrope solvent or equivalent.
Transport
Cooling pipes
PC board
Heating
elements
Boiling liquid (primary medium)
Vapor phase
zone
Vapor lock
(secondary
medium)
Time (Seconds)
0
0
20
40
60
80
100
120
140
160
180
200
220
240
30
60
90
120
150
180
210
240
270
300
Pre-heat
Soak
Reflow
Cool
Down
0.5 - 0.6 ˚C/s
1.3 - 1.6 ˚C/s
<2.5 ˚C/s
<2.5 ˚C/s
Peak Temperature
220 ˚C - 245 ˚C
Soaking Zone
Reflow Zone
Pre-heating Zone
( 2 min. MAX )
60 - 90 s typical
( 2-4 min MAX )
( 2 min. MAX )
30 - 60 s typical
260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com