Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 184 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 184 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 180Page - Teccor Electronics P3602ACMC Datasheet HTML 181Page - Teccor Electronics P3602ACMC Datasheet HTML 182Page - Teccor Electronics P3602ACMC Datasheet HTML 183Page - Teccor Electronics P3602ACMC Datasheet HTML 184Page - Teccor Electronics P3602ACMC Datasheet HTML 185Page - Teccor Electronics P3602ACMC Datasheet HTML 186Page - Teccor Electronics P3602ACMC Datasheet HTML 187Page - Teccor Electronics P3602ACMC Datasheet HTML 188Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 212 page
background image
SIDACtor Soldering Recommendations
http://www.teccor.com
5 - 22
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
SIDACtor Soldering Recommendations
When placing surface mount components, a good solder bond is critical because:
• The solder provides a thermal path in which heat is dissipated from the packaged silicon
to the rest of the board.
• A good bond is less subject to thermal fatiguing and results in improved component
reliability.
Reflow Soldering
The preferred technique for mounting the DO-214AA package is to reflow-solder the device
onto a PCB-printed circuit board, as shown in Figure 5.6.
Figure 5.6 Reflow Soldering Procedure
For reliable connections, the PCB should first be screen printed with a solder paste or
fluxed with an easily removable, reliable solution, such as Alpha 5003 diluted with benzyl
alcohol. If using a flux, the PCB should be allowed to dry to touch at room temperature (or in
a 70 °C oven) prior to placing the components on the solder pads.
Relying on the adhesive nature of the solder paste or flux to prevent the devices from
moving prior to reflow, components should be placed with either a vacuum pencil or
automated pick and place machine.
With the components in place, the PCB should be heated to a point where the solder on the
pads begins to flow. This is typically done on a conveyor belt which first transports the PCB
through a pre-heating zone. The pre-heating zone is necessary in order to reduce thermal
shock and prevent damage to the devices being soldered, and should be limited to a
maximum temperature of 165 °C for 10 seconds.
After pre-heating, the PCB goes to a vapor zone, as shown in Figure 5.7. The vapor zone is
obtained by heating an inactive fluid to its boiling point while using a vapor lock to regulate
the chamber temperature. This temperature is typically 215 °C, but for temperatures in
excess of 215 °C, care should be taken so that the maximum temperature of the leads does
1. Screen print solder paste
(or flux)
2. Place component
(allow flux to dry)
3. Reflow solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com