Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 190 page
background image
Rev. 1.10
�8
De�e��e� 1�� �01�
Rev. 1.10
�9
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
uponthefSclocksource.IfthesourceisfSYS/4thenthefSclockwillbeoff,andifthesourcecomes
fromfSUBthenfSwillbeon.
IDLE1 Mode
TheIDLE1ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitin
theSMODregisterishighandtheFSYSONbitintheCTRLregisterishigh.IntheIDLE1Mode
thesystemoscillatorwillbeinhibitedfromdrivingtheCPUbutmaycontinuetoprovideaclock
sourcetokeepsomeperipheralfunctionsoperationalsuchastheWatchdogTimer,TMsandSIM.In
theIDLE1Mode,thesystemoscillatorwillcontinuetorun,andthissystemoscillatormaybehigh
speedorlowspeedsystemoscillator.IntheIDLE1ModetheWatchdogTimerclock,fS,willbeon.
IfthesourceisfSYS/4thenthefSclockwillbeon,andifthesourcecomesfromfSUBthenfSwillbe
on.
Control Register
Theregisters,SMODandCTRL,areusedforoverallcontroloftheinternalclockswithinthe
device.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Na�e
CKS�
CKS1
CKS0
FSTEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
Bit7~5
CKS2~CKS0:ThesystemclockselectionwhenHLCLKis“0”
000:fSUB(fLXTorfLIRC)
001:fSUB(fLXTorfLIRC)
010:fH/64
011:fH/32
100:fH/16
101:fH/8
110:fH/4
111:fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksource,whichcanbeeithertheLXTorLIRC,adivided
versionofthehighspeedsystemoscillatorcanalsobechosenasthesystemclock
source.
Bit4
FSTEN:FastWake-upControl(onlyforHXT)
0:Disable
1:Enable
ThisistheFastWake-upControlbitwhichdeterminesifthefSUBclocksourceis
initiallyusedafterthedevicewakesup.Whenthebitishigh,thefSUBclocksourcecan
beusedasatemporarysystemclocktoprovideafasterwakeuptimeasthefSUBclock
isavailable.
Bit3
LTO:Lowspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthelowspeedsystemoscillatorreadyflagwhichindicateswhenthelowspeed
systemoscillatorisstableafterpoweronresetorawake-uphasoccurred.Theflag
willbelowwhenintheSLEEP0Modebutafterawake-uphasoccurred,theflagwill
changetoahighlevelafter1024clockcyclesiftheLXToscillatorisusedand1~2
clockcyclesiftheLIRCoscillatorisused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com