Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 190 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
17
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Effective Number of Bits (ENOB)
AVDD=3.3V� VREF=1.�5V� fMCLK=�.8MHz� FLMS[�:0]=000
DATA RATE
(SPS)
PGA Gain
1
2
4
8
16
32
64
128
5
19.7
19.8
19.�
19.7
19.7
19.�
19.�
18.�
10
19.�
19.3
19.3
19.3
19.3
19.1
18.7
18.1
�0
19.0
18.8
18.7
18.9
18.8
18.�
18.�
17.5
39
18.�
18.3
18.3
18.3
18.3
18.1
17.7
17.0
78
18.1
17.9
18.0
17.9
17.9
17.�
17.�
1�.5
15�
17.�
17.�
17.�
17.�
17.3
17.1
1�.�
15.9
313
15.8
15.8
15.9
15.8
15.9
15.9
15.8
15.3
��5
1�.1
1�.0
1�.0
1�.1
1�.1
1�.0
1�.1
1�.�
AVDD=3.3V� VREF=1.�5V� fMCLK=�.8MHz� FLMS[�:0]=010
DATA RATE
(SPS)
PGA Gain
1
2
4
8
16
32
64
128
1�
19.�
18.8
18.7
18.8
18.8
18.7
18.9
18.1
��
19.0
18.3
18.3
18.3
18.3
18.�
17.9
17.3
�9
18.5
17.8
17.8
17.8
17.9
17.7
17.�
1�.8
98
18.�
18.�
18.1
18.�
18.1
17.8
17.�
1�.�
195
17.9
17.8
17.8
17.8
17.�
17.3
1�.7
15.9
391
17.�
17.�
17.�
17.�
17.1
1�.8
1�.�
15.�
781
1�.�
1�.1
1�.1
1�.1
1�.1
15.9
15.5
1�.8
15�3
1�.5
1�.5
1�.5
1�.�
1�.5
1�.5
1�.3
1�.0
Operational Amplifier Electrical Characteristics (Body Fat Circuit)
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Supply Voltage
—
—
�.�
—
5.5
V
I��
Supply Current Per Signal Amplifier
5V Io=0A
150
3�0
500
μA
OP0, OP2
SR
Slew Rate at Unity Gain
3V RL=100kΩ, CL=100pF
7.5
—
—
V/µs
GBW
Gain Bandwidth P�odu�t
3V RL=100kΩ, CL=100pF
—
—
�
MHz
OP1
SR
Slew Rate at Unity Gain
3V RL=100kΩ, CL=100pF
7.5
—
—
V/µs
GBW
Gain Bandwidth P�odu�t
3V RL=100kΩ, CL=100pF
—
—
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com