Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 190 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
17
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
ADC & ADC internal reference Voltage (Delta-sigma ADC)
AVDD
Supply voltage fo� VCM� ADC� PGA
—
—
�.�
—
3.3
V
ICM+IPGIA
+IADC
Ope�ating �u��ent fo� VCM� PGA and
ADC
—
VCM ena�le�
VRBUFP=1 and
VRBUFN=1
—
—
900
μA
VCM ena�le�
VRBUFP=0 and
VRBUFN=0
—
�00
750
VCM disa�le�
VRBUFP=0 and
VRBUFN=0
—
500
�50
IADSTB
Stand�y �u��ent
—
Syste� HALT�
no load
—
—
1
μA
RSAD
ADC �esolution
—
—
—
—
�0
Bit
NNFC
Noise F�ee Code
—
PGA Gain=1�8
Data Rate=10Hz
—
15.�
—
Bit
ENOB
Effe�tive nu��e� of �its
—
PGA Gain=1�8
Data Rate=10Hz
—
18.1
—
Bit
fAD
A/D Clo�k f�equen�y (fMCLK)
—
—
—
�.8
—
MHz
fADO
ADC Output Data Rate
—
fMCLK=�.8MHz
FLMS[�:0]=000�
ADC CLK=fMCLK/30
5
—
��5
Hz
fMCLK=�.8MHz
FLMS[�:0]=010�
ADC CLK=fMCLK/1�
1�
—
15�3
VREF+
Refe�en�e Input Voltage
—
VREFS=1�
VRBUFP=0 and
VRBUFN=0
0.9� 1.�5
�.�
V
VREF-
0
0
1.0
VREF
—
VREF=(VREF+) - (VREF-)
0.9� 1.�5
1.��
PGA
VDI+� VDI- A�solute/�o��on input voltage
—
—
0.�
— AVDD-1.1
V
ΔDI±
Diffe�ential input voltage �ange
—
Gain=PGS×AGS
ΔVR-
/Gain —
ΔVR+
/Gain
V
TCPGA
Gain te�pe�atu�e d�ift
—
Ta=-�0°C~85°C
—
5
—
Pp�/°C
Temperature sensor
TCS
Senso� te�pe�atu�e d�ift
—
Ta=-�0°C~85°C
ΔVR=1.�5V�
VGS[1:0]=00
(Gain=1)�
VRBUFP=0 and
VRBUFN=0
—
175
—
μV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com