Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 190 page
background image
Rev. 1.10
��
De�e��e� 1�� �01�
Rev. 1.10
�7
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Flash Memory Write Function Enable Procedure
InordertoallowuserstochangetheFlashmemorydatathroughtheIAPcontrolregisters,users
mustfirstenabletheFlashmemorywriteoperationbythefollowingprocedure:
1.Write“110”intotheFMOD2~FMOD0bitstoselecttheFWENmode.
2.SettheFWPENbitto“1”.Thestep1andstep2canbeexecutedsimultaneously.
3.Thepatterndatawithasequenceof00H,04H,0DH,09H,C3Hand40Hmustbewrittenintothe
FD1L,FD1H,FD2L,FD2H,FD3LandFD3Hregistersrespectively.
4.Acounterwithatime-outperiodof300μswillbeactivatedtoallowuserswritingthecorrect
patterndataintotheFD1L/FD1H~FD3L/FD3Hregisterpairs.Thecounterclockisderivedfrom
LIRCoscillator.
5.Ifthecounteroverflowsorthepatterndataisincorrect,theFlashmemorywriteoperationwill
notbeenabledandusersmustagainrepeattheaboveprocedure.ThentheFWPENbitwill
automaticallybeclearedto0byhardware.
6.Ifthepatterndataiscorrectbeforethecounteroverflows,theFlashmemorywriteoperationwill
beenabledandtheFWPENbitwillautomaticallybeclearedto0byhardware.TheCFWENbit
willalsobesetto1byhardwaretoindicatethattheFlashmemorywriteoperationissuccessfully
enabled.
7.OncetheFlashmemorywriteoperationisenabled,theusercanchangetheFlashROMdata
throughtheFlashcontrolregister.
8.TodisabletheFlashmemorywriteoperation,theusercancleartheCFWENbitto0.
Flash Me�o�y
W�ite Fun�tion
Ena�le P�o�edu�e
Set FMOD [�:0] =110 & FWPEN=1
Sele�t FWEN �ode & Sta�t Flash w�ite
Ha�dwa�e a�tivate a �ounte�
W�tie the following patte�n to Flash Data �egiste�s
FD1L= 00h � FD1H = 0�h
FD�L= 0Dh � FD�H = 09h
FD3L= C3h � FD3H = �0h
Is patte�n is
�o��e�t ?
Is �ounte�
ove�flow ?
FWPEN=0 ?
Yes
No
No
Yes
Su��ess
END
No
Yes
Failed
FWPEN=0
&
CFWEN=0
CFWEN = 1
Flash Memory Write Function Enable Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com