Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 190 page
background image
Rev. 1.10
8�
De�e��e� 1�� �01�
Rev. 1.10
87
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Bit3
TnON:TMnCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.
Whenthebitchangesstatefromlowtohightheinternalcountervaluewillberesetto
zero,howeverwhenthebitchangesfromhightolow,theinternalcounterwillretain
itsresidualvalueuntilthebitreturnshighagain.
IftheTMisintheCompareMatchOutputModethentheTMoutputpinwillbereset
toitsinitialcondition,asspecifiedbytheTMOutputcontrolbit,whenthebitchanges
fromlowtohigh.
Bit2~0
Unimplemented,readas“0”
PTMnC1 Register (n=1 or 2)
Bit
7
6
5
4
3
2
1
0
Na�e
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL
TnCAPTS TnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
TnM1~TnM0:SelectTMnOperationMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetotheTnM1andTnM0
bits.IntheTimer/CounterMode,theTMoutputpincontrolmustbedisabled.
Bit5~4
TnIO1~TnIO0:SelectTPn_0,TPn_1outputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode/SinglePulseOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofTPn_0,TPn_1,TCKn
01:InputcaptureatfallingedgeofTPn_0,TPn_1,TCKn
10:Inputcaptureatfalling/risingedgeofTPn_0,TPn_1,TCKn
11:Inputcapturedisabled
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,theTnIO1andTnIO0bitsdeterminehowthe
TMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresentstate
whenacomparematchoccursfromtheComparatorA.Whenthesebitsarebothzero,
thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutputpin
shouldbesetupusingtheTnOCbit.NotethattheoutputlevelrequestedbytheTnIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com