Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 190 page
background image
Rev. 1.10
3�
De�e��e� 1�� �01�
Rev. 1.10
33
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
00H
IAR0
01H
MP0
0�H
IAR1
03H
MP1L
0�H
05H
ACC
0�H
PCL
07H
TBLP
08H
TBLH
09H
TBHP
0AH
STATUS
0BH
0CH
ADRL
0DH
PTM1DH
0EH
0FH
10H
INTC0
11H
PTM1AL
1�H
19H
MFI0
18H
MFI1
1BH
1AH
1DH
1CH
1FH
INTC�
PDC
13H
1�H
TM0C1
15H
TM0DL
1�H
17H
PTM1AH
TM0DH
PTM�RPH
PBC
LVRC
CTRL
�0H
�1H
��H
�9H
�8H
�BH
�AH
�DH
�CH
�FH
�EH
�3H
��H
�5H
��H
�7H
EEA
PTM�C0
PTM�C1
PTM�DL
PTM�DH
PTM�AL
PTM�AH
�0H
�1H
��H
�3H
��H
�5H
��H
�7H
�8H
�9H
�AH
�BH
�CH
�DH
�EH
�FH
50H
51H
5�H
53H
5�H
TM0AL
ADRH
EED
1EH
TM0C0
CTRL0
55H
5�H
�0H
�1H
��H
�3H
��H
�5H
��H
�7H
�8H
�9H
�AH
�BH
�CH
�DH
�EH
�FH
70H
ADCR0
ADCR1
30H
31H
3�H
38H
3CH
33H
3�H
35H
3�H
37H
ADCS
ADRM
PTM1C0
PTM1C1
PTM1DL
3BH
39H
3AH
71H
7�H
73H
7�H
75H
7�H
PAC
PBPU
PA
3DH
3FH
3EH
MP1H
IAR�
MP�L
MP�H
MFI3
INTC1
MFI�
PAWU
PAPU
PB
PCPU
PC
PCC
PDPU
PD
TM1AH
PTM1RPL
PWRC
SLEDC0
SLEDC1
PGACS
PGAC0
PGAC1
USR
UCR1
UCR�
BRG
57H
TXRRXR
58H
59H
IRCTRL0
5AH
IRCTRL1
5BH
5CH
5DH
5EH
5FH
SIMC0
SIMC1
SIMA/SIMC�
SIMD
SIMTOC
FARL
FARH
FD0L
FD0H
FD1L
FD1H
FD�L
FD�H
FD3L
FD3H
SGC
SGN
SGDNR
OPAC
SWC
DACO
FTRC
PTM1RPH
PTM�RPL
SMOD
LVDC
TBC
INTEG
WDTC
78H
7CH
77H
7BH
79H
7AH
7DH
7FH
7EH
: Unused� �ead as 00H
FC0
FC1
EEC
Se�to� 0���3 Se�to� 1
Se�to� 0���3 Se�to� 1
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com