Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 190 page
background image
Rev. 1.10
��
De�e��e� 1�� �01�
Rev. 1.10
�5
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
However,thetwoOCDSpinswhicharepin-sharedwiththeICPprogrammingpinsarestillused
astheFlashMemoryprogrammingpinsforICP.FormoredetailedOCDSinformation,refertothe
correspondingdocumentnamed“Holteke-Linkfor8-bitMCUOCDSUser’sGuide”.
Holtek e-Link Pins
EV Chip Pins
Pin Description
OCDSDA
OCDSDA
On-Chip De�ug Suppo�t Data/Add�ess input/output
OCDSCK
OCDSCK
On-Chip De�ug Suppo�t Clo�k input
VDD
VDD
Powe� Supply
VSS
VSS
G�ound
In Application Programming – IAP
ThedeviceoffersIAPfunctiontoupdatedataorapplicationprogramtoFlashROM.Userscan
defineanyROMlocationforIAP,buttherearesomefeatureswhichusermustnoticeinusingIAP
function.
• EraseBlock:256words/block
• Writing:4words/time
• Reading:1word/time
In Application Programming Control Register
TheAddressregisters,FARLandFARH,andtheDataregisters,FD0L/FD0H,FD1L/FD1H,FD2L/
FD2H,FD3L/FD3H,locatedinallDataMemorysectors,togetherwiththeControlregisters,FC0
andFC1,locatedinDataMemorysector1arethecorrespondingFlashaccessregistersforIAP.As
indirectaddressingistheonlywaytoaccesstheFC0andFC1registers,allreadandwriteoperations
totheregistersmustbeperformedusingtheIndirectAddressingRegister,IAR1orIAR2,andthe
MemoryPointerpair,MP1L/MP1HorMP2L/MP2H.BecausetheFC0andFC1controlregistersare
locatedattheaddressof28H~29HinDataMemorysector1,thedesiredvaluerangedfrom28Hto
29HmustbewrittenintotheMP1LorMP2LMemoryPointerlowbyteandthevalue“01H”must
alsobewrittenintotheMP1HorMP2HMemoryPointerhighbyte.
• FC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
CFWEN
FMOD�
FMOD1
FMOD0
FWPEN
FWT
FRDEN
FRD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
1
0
0
0
0
Bit7
CFWEN:FlashMemoryWriteenablecontrol
0:Flashmemorywritefunctionisdisabled
1:Flashmemorywritefunctionhasbeensuccessfullyenabled
Whenthisbitisclearedto0byapplicationprogram,theFlashmemorywritefunction
isdisabled.Notethatwritinga“1”intothisbitresultsinnoaction.Thisbitisused
toindicatethattheFlashmemorywritefunctionstatus.Whenthisbitissetto1by
hardware,itmeansthattheFlashmemorywritefunctionisenabledsuccessfully.
Otherwise,theFlashmemorywritefunctionisdisabledasthebitcontentiszero.
Bit6~4
FMOD2~FMOD0:Modeselection
000:Writeprogrammemory
001:Blockeraseprogrammemory
010:Reserved
011:Readprogrammemory
100:Reserved
101:Reserved
110:FWRNmode—Flashmemorywritefunctionenablemode
111:Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com