Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 190 page
background image
Rev. 1.10
10
De�e��e� 1�� �01�
Rev. 1.10
11
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Pin Name
Function
OPT
I/T
O/T
Descriptions
CP0N
CP0N
—
AI
—
Peak Dete�to� Input
RFC
RFC
—
AI
—
ADC Analog Input
VOUT/AVDD
VOUT
—
—
PWR LDO Output pin
AVDD
—
PWR
—
Analog Powe� Supply
AVSS
AVSS
—
PWR
—
Analog G�ound
VCM
VCM
—
—
PWR ADC Inte�nal Co��on Mode Voltage Output
VERFP
VERFP
—
PWR
—
ADC Positive Refe�en�e Input (Exte�nal)
VERFN
VERFN
—
PWR
—
ADC Negative Refe�en�e Input (Exte�nal)
AN0~AN3
ANn
—
AI
—
ADC Input Channel 0~3
VDD
VDD
—
PWR
—
Digital Powe� supply
VSS
VSS
—
PWR
—
Digital G�ound
Note:I/T:Inputtype;
O/T:Outputtype;
OTP:Optionalbyconfigurationoption(CO)orregisteroption;
PWR:Power;
CO:Configurationoption;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
AI:Analoginput;
AO:Analogoutput;
HXT:Highfrequencycrystaloscillator;
LXT:Lowfrequencycrystaloscillator.
Absolute Maximum Ratings
SupplyVoltage.................................................................................................. VSS-0.3VtoVSS+6.0V
InputVoltage......................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature..................................................................................................... -50°Cto125°C
OperatingTemperature....................................................................................................-40°Cto85°C
IOLTotal...................................................................................................................................... 150mA
IOHTotal.....................................................................................................................................-100mA
TotalPowerDissipation............................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationofthis
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com