Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
13
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ISTB3
Stand�y Cu��ent (Idle)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=1�MHz
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB�
Stand�y Cu��ent (Idle)
(HIRC� fSYS=off� fS=fSUB=fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=�.8×3MHz
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB5
Stand�y Cu��ent (Idle)
(HXT� fSYS=fL�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=1�MHz/��
—
0.3�
0.�
�A
5V
—
0.85
1.�
�A
ISTB�
Stand�y Cu��ent (Idle)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=1�MHz/��
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB7
Stand�y Cu��ent (Idle)
(LXT� fSYS= fSUB=fLXT�
fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=3�7�8Hz
—
1.9
�.0
μA
5V
—
3.3
7.0
μA
ISTB8
Stand�y Cu��ent (Idle)
(LXT� fSYS=off� fS=T1)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=3�7�8Hz
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB9
Stand�y Cu��ent (Idle)
(LXT� fSYS=off� fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=3�7�8Hz
—
1.3
3.0
μA
5V
—
�..�
5.0
μA
ISTB10
Stand�y Cu��ent (Idle)
(LIRC� fSYS=off� fS=fSUB=fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=3�kHz
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB11
Stand�y Cu��ent (Sleep)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT disa�le� fSYS=1�MHz
—
0.1
1
μA
5V
—
0.3
�
μA
ISTB1�
Stand�y Cu��ent (Sleep)
(HXT� fSYS=off� fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=1�MHz
—
1.3
5
μA
5V
—
�.�
10
μA
ISTB13
Stand�y Cu��ent (Sleep)
(HXT� fSYS=off� fS=fSUB=fLIRC)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=1�MHz
—
1.3
5
μA
5V
—
�.�
10
μA
ISTB1�
Stand�y Cu��ent (Sleep)
(LXT� fSYS=off� fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT ena�le� fSYS=3�7�8Hz
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
ISTB15
Stand�y Cu��ent (Sleep)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
—
No load� syste� HALT� LDO� �ha�ge pu�p�
ADC off� WDT disa�le� fSYS=1�MHz�
LVR ena�le and LVDEN=1
—
90
1�0
μA
VIL
Input Low Voltage fo� I/O
Po�ts� TCKn� TPn_0�
TPn_1 and INTn
—
—
0
— 0.�VDD V
5V
—
0
—
1.5
V
VIH
Input High Voltage fo� I/O
Po�ts� TCKn� TPn_0�
TPn_1 and INTn
—
—
0.8VDD —
VDD
V
5V
—
3.5
—
5
V
VLVR1
Low Voltage Reset Voltage
—
LVR Ena�le� �.1V option
-5%
�.1
+5%
V
VLVR�
LVR Ena�le� �.55V option
�.55
V
VLVR3
LVR Ena�le� 3.15V option
3.15
V
VLVR�
LVR Ena�le� 3.8V option
3.8
V
ILVR
Low Voltage Reset Cu��ent
— LVR Ena�le� LVDEN=0
—
�0
90
μA
VLVD1
Low Voltage Dete�to� Input
Pin Voltage
— LVDEN=1� VLVD=1.0�V� VLVD[�:0]=000�
-10% 1.0� +10%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com