Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 190 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
15
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVD�
Low Voltage Dete�to�
Voltage
—
LVDEN=1� VLVD=�.�V
-5%
�.�
+5%
V
VLVD3
LVDEN=1� VLVD=�.�V
�.�
V
VLVD�
LVDEN=1� VLVD=�.7V
�.7
V
VLVD5
LVDEN=1� VLVD=3.0V
3.0
V
VLVD�
LVDEN=1� VLVD=3.3V
3.3
V
VLVD7
LVDEN=1� VLVD=3.�V
3.�
V
VLVD8
LVDEN=1� VLVD=�.0V
�.0
V
ILVD1
Low Voltage Dete�to�
Cu��ent
—
LVR disa�le� LVDEN=1
—
75
1�0
μA
ILVD�
LVR ena�le� LVDEN=1
—
90
150
μA
IOL
Sink �u��ent fo� I/O po�ts
3V VOL=0.1VDD
18
3�
—
�A
5V VOL=0.1VDD
�0
80
—
�A
IOH
Sou��e �u��ent fo� I/O po�ts
3V VOH=0.9VDD� PxPS=00
-1.0 -�.0
—
�A
5V VOH=0.9VDD� PxPS=00
-�.0 -�.0
—
�A
3V VOH=0.9VDD� PxPS=01
-1.75 -3.5
—
�A
5V VOH=0.9VDD� PxPS=01
-3.5 -7.0
—
�A
3V VOH=0.9VDD� PxPS=10
-�.5 -5.0
—
�A
5V VOH=0.9VDD� PxPS=10
-5.0
-10
—
�A
3V VOH=0.9VDD� PxPS=11
-5.5
-11
—
�A
5V VOH=0.9VDD� PxPS=11
-11
-��
—
�A
RPH
Pull-high Resistan�e of I/O
Po�ts
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
Syste� Clo�k (HXT)
�.�~5.5V
—
0.�
—
8
MHz
�.7~5.5V
0.�
—
10
MHz
3.3~5.5V
0.�
—
1�
MHz
�.5~5.5V
0.�
—
1�
MHz
fSYS�
Syste� Clo�k (HIRC)
5V
Ta=�5°C
-�%
�.8�
+�%
MHz
fSYS3
Syste� Clo�k (LXT)
—
—
—
3�7�8
—
Hz
fLIRC
Syste� Clo�k (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
�.�V~5.5V Ta=-�0°C~85°C
-50%
3�
+�0%
kHz
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT)
—
fSYS=HXT o� LXT
—
10��
—
tSYS
fSYS=HIRC
—
1�
—
fSYS=LIRC
—
1~�
—
tRSTD
Syste� Reset Delay Ti�e
(Powe� On Reset)
—
—
�5
50
100
�s
Syste� Reset Delay Ti�e
(Any Reset ex�ept Powe� On Reset)
—
—
8.3
1�.7
33.3
�s
tINT
Inte��upt Pulse Width
—
—
10
—
—
μs
tLVR
Low Voltage Width to Reset
—
—
1�0
��0
�80
μs
tLVD
Low Voltage Width to Inte��upt
—
—
�0
1�0
��0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com