Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 190 page
background image
Rev. 1.10
7�
De�e��e� 1�� �01�
Rev. 1.10
73
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
TM Interrupts
TheCompactTypeandPeriodicTypeTMseachhavetwointernalinterrupts,oneforeachofthe
internalcomparatorAorcomparatorP,whichgenerateaTMinterruptwhenacomparematch
conditionoccurs.WhenaTMinterruptisgenerateditcanbeusedtoclearthecounterandalsoto
changethestateoftheTMoutputpin.
TM External Pins
EachoftheTMs,irrespectiveofwhattype,hasoneTMinputpin,withthelabelTCKn.TheTM
inputpinisessentiallyaclocksourcefortheTMandisselectedusingtheTnCK2~TnCK0bitsin
theTMnC0/PTMnC0register.ThisexternalTMinputpinallowsanexternalclocksourcetodrive
theinternalTM.ThisexternalTMinputpinissharedwithotherfunctionsbutwillbeconnectedto
theinternalTMifselectedusingtheTnCK2~TnCK0bits.TheTMinputpincanbechosentohave
eitherarisingorfallingactiveedge.
TheTMseachhavetwooutputpinswiththelabelTPn_0andTPn_1.WhentheTMisinthe
CompareMatchOutputMode,thesepinscanbecontrolledbytheTMtoswitchtoahighorlow
levelortotogglewhenacomparematchsituationoccurs.TheexternalTPnoutputpinisalsothe
pinwheretheTMgeneratesthePWMoutputwaveform.AstheTMoutputpinsarepin-sharedwith
otherfunction,theTMoutputfunctionmustfirstbesetupusingtheCTRL0register.Asinglebitin
oneoftheregistersdeterminesifitsassociatedpinistobeusedasanexternalTMoutputpinorifit
istohaveanotherfunction.ThenumberofoutputpinsforeachTMtypeisdifferent,thedetailsare
providedintheaccompanyingtable.
AllTMoutputpinnameshavea“_n”suffix.Pinnamesthatincludea“_0”or“_1”suffixindicate
thattheyarefromaTMwithmultipleoutputpins.ThisallowstheTMtogenerateacomplimentary
outputpair,selectedusingtheI/Oregisterdatabits.
TM0
TM1
TM2
Register
TP0_0� TP0_1
TP1_0� TP1_1
TP�_0� TP�_1
CTRL0
TM Output Pins
TM Input/Output Pin Control Registers
SelectingtohaveaTMinput/outputorwhethertoretainitsothersharedfunctionsisimplemented
usingoneregisterwithasinglebitineachregistercorrespondingtoaTMinput/outputpin.When
theTMnisenabled,ifthecorrespondingpinissetupasaTMinput/output,andthecomplimentary
outputwillbeasanormalI/Opin.
CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
TP�CPS TP1CPS TP0CPS
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
Unimplemented,readas“0”
Bit2
TP2CPS:TP2_0,TP2_1pinselection
0:TP2_0
1:TP2_1
WhenTM2isenabled,theoutputfunctionofTP2_0istimer,thentheTP2_1isI/O,
andviceversa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com