Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 190 page
background image
Rev. 1.10
��
De�e��e� 1�� �01�
Rev. 1.10
�3
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
Reset Conditions
0
0
Powe�-on �eset
u
u
LVR �eset du�ing No��al o� SLOW Mode ope�ation
1
u
WDT ti�e-out �eset du�ing No��al o� SLOW Mode ope�ation
1
1
WDT ti�e-out �eset du�ing IDLE o� SLEEP Mode ope�ation
Note: “u” stands fo� un�hanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition after Reset
P�og�a� Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins �ounting
Ti�e� Modules
Ti�e� Modules will �e tu�ned off
Input/Output Po�ts
I/O po�ts will �e setup as inputs� and AN0~AN3 as A/D input pin.
Sta�k Pointe�
Sta�k Pointe� will point to the top of the sta�k
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.
Register
Power On Reset
LVR Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MP0
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP�L
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP�H
0000 0000
0000 0000
0000 0000
uuuu uuuu
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR�
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---- xxxx
---- uuuu
---- uuuu
---- uuuu
STATUS
xx00 xxxx
xxuu uuuu
xx1u uuuu
xx11 uu u u
SMOD
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
INTEG
---- 0000
---- 0000
---- 0000
---- uuuu
LVDC
--00 -000
--00 -000
--00 -000
--u u —u u u
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC�
--00 --00
--00 --00
--00 --00
--uu —uu
MFI0
--00 --00
--00 --00
--00 --00
--uu —uu
MFI1
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com