Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F75 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 190 page
background image
Rev. 1.10
8�
De�e��e� 1�� �01�
Rev. 1.10
87
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Periodic Type TM Register Description
OveralloperationofthePeriodicTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexisttostore
theinternal10-bitCCRAandCCRPvalue.Theremainingtworegistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodes.
Register
Name
Bit
7
6
5
4
3
2
1
0
PTMnC0
TnPAU
TnCK�
TnCK1
TnCK0
TnON
—
—
—
PTMnC1
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL TnCAPTS TnCCLR
PTMnDL
D7
D�
D5
D�
D3
D�
D1
D0
PTMnDH
—
—
—
—
—
—
D9
D8
PTMnAL
D7
D�
D5
D�
D3
D�
D1
D0
PTMnAH
—
—
—
—
—
—
D9
D8
PTMnRPL
D7
D�
D5
D�
D3
D�
D1
D0
PTMnRPH
—
—
—
—
—
—
D9
D8
10-bit Periodic TM Register List (n=1 or 2)
PTMnC0 Register (n=1 or 2)
Bit
7
6
5
4
3
2
1
0
Na�e
TnPAU
TnCK�
TnCK1
TnCK0
TnON
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
TnPAU:TMnCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
TnCK2~TnCK0:SelectTMnCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:Reserved
110:TCKnrisingedgeclock
111:TCKnfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.SelectingtheReserved
clockinputwilleffectivelydisabletheinternalcounter.Theexternalpinclocksource
canbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSisthe
systemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhichcanbe
foundintheoscillatorsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com