Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 134Page - Renesas Technology Corp R5F104FHD Datasheet HTML 135Page - Renesas Technology Corp R5F104FHD Datasheet HTML 136Page - Renesas Technology Corp R5F104FHD Datasheet HTML 137Page - Renesas Technology Corp R5F104FHD Datasheet HTML 138Page - Renesas Technology Corp R5F104FHD Datasheet HTML 139Page - Renesas Technology Corp R5F104FHD Datasheet HTML 140Page - Renesas Technology Corp R5F104FHD Datasheet HTML 141Page - Renesas Technology Corp R5F104FHD Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 138 of 208
Aug 12, 2016
Note 1.
Total current flowing into VDD and EVDD0, including the input leakage current flowing when the level of the input pin is
fixed to VDD, EVDD0 or VSS, EVSS0. The values below the MAX. column include the peripheral operation current.
However, not including the current flowing into the A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down
resistors and the current flowing during data flash rewrite.
Note 2.
During HALT instruction execution by flash memory.
Note 3.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 4.
When high-speed system clock and subsystem clock are stopped.
Note 5.
When high-speed on-chip oscillator and high-speed system clock are stopped. When RTCLPC = 1 and setting ultra-low
current consumption (AMPHS1 = 1). The current flowing into the RTC is included. However, not including the current
flowing into the 12-bit interval timer and watchdog timer.
Note 6.
Not including the current flowing into the RTC, 12-bit interval timer, and watchdog timer.
Note 7.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode:
2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 32 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
Note 8.
Regarding the value for current to operate the subsystem clock in STOP mode, refer to that in HALT mode.
Remark 1.
fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2.
fHOCO: High-speed on-chip oscillator clock frequency (64 MHz max.)
Remark 3.
fIH:
High-speed on-chip oscillator clock frequency (32 MHz max.)
Remark 4.
fSUB:
Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 5.
Except subsystem clock operation and STOP mode, temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com