Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 130Page - Renesas Technology Corp R5F104FHD Datasheet HTML 131Page - Renesas Technology Corp R5F104FHD Datasheet HTML 132Page - Renesas Technology Corp R5F104FHD Datasheet HTML 133Page - Renesas Technology Corp R5F104FHD Datasheet HTML 134Page - Renesas Technology Corp R5F104FHD Datasheet HTML 135Page - Renesas Technology Corp R5F104FHD Datasheet HTML 136Page - Renesas Technology Corp R5F104FHD Datasheet HTML 137Page - Renesas Technology Corp R5F104FHD Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 134 of 208
Aug 12, 2016
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(5/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage cur-
rent, high
ILIH1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVDD0
1
μA
ILIH2
P20 to P27, P137, P150 to P156,
RESET
VI = VDD
1
μA
ILIH3
P121 to P124
(X1, X2, EXCLK, XT1, XT2,
EXCLKS)
VI = VDD
In input port or
external clock
input
1
μA
In resonator con-
nection
10
μA
Input leakage
current, low
ILIL1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVSS0
-1
μA
ILIL2
P20 to P27, P137, P150 to P156,
RESET
VI = VSS
-1
μA
ILIL3
P121 to P124
(X1, X2, EXCLK, XT1, XT2,
EXCLKS)
VI = VSS
In input port or
external clock
input
-1
μA
In resonator con-
nection
-10
μA
On-chip pull-up
resistance
RU
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
VI = EVSS0, In input port
10
20
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com