Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 129Page - Renesas Technology Corp R5F104FHD Datasheet HTML 130Page - Renesas Technology Corp R5F104FHD Datasheet HTML 131Page - Renesas Technology Corp R5F104FHD Datasheet HTML 132Page - Renesas Technology Corp R5F104FHD Datasheet HTML 133Page - Renesas Technology Corp R5F104FHD Datasheet HTML 134Page - Renesas Technology Corp R5F104FHD Datasheet HTML 135Page - Renesas Technology Corp R5F104FHD Datasheet HTML 136Page - Renesas Technology Corp R5F104FHD Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 133 of 208
Aug 12, 2016
Caution
P00, P02 to P04, P10, P11, P13 to P15, P17, P30, P43 to P45, P50 to P55, P71, P74, P80 to P82, P142 to P144 do not
output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(4/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage, high
VOH1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P130, P140 to P147
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -3.0 mA
EVDD0 - 0.7
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -2.0 mA
EVDD0 - 0.6
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = -1.5 mA
EVDD0 - 0.5
V
VOH2
P20 to P27, P150 to P156
2.4 V
≤ VDD ≤ 5.5 V,
IOH2 = -100
μA
VDD - 0.5
V
Output voltage, low
VOL1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P130,
P140 to P147
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 0.6 mA
0.4
V
VOL2
P20 to P27, P150 to P156
2.4 V
≤ VDD ≤ 5.5 V,
IOL2 = 400
μA
0.4
V
VOL3
P60 to P63
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 15.0 mA
2.0
V
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 5.0 mA
0.4
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 3.0 mA
0.4
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 2.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com