Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 128Page - Renesas Technology Corp R5F104FHD Datasheet HTML 129Page - Renesas Technology Corp R5F104FHD Datasheet HTML 130Page - Renesas Technology Corp R5F104FHD Datasheet HTML 131Page - Renesas Technology Corp R5F104FHD Datasheet HTML 132Page - Renesas Technology Corp R5F104FHD Datasheet HTML 133Page - Renesas Technology Corp R5F104FHD Datasheet HTML 134Page - Renesas Technology Corp R5F104FHD Datasheet HTML 135Page - Renesas Technology Corp R5F104FHD Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 132 of 208
Aug 12, 2016
Caution
The maximum value of VIH of pins P00, P02 to P04, P10, P11, P13 to P15, P17, P30, P43 to P45, P50 to P55, P71,
P74, P80 to P82, and P142 to P144 is EVDD0, even in the N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(3/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
Normal input buffer
0.8 EVDD0
EVDD0
V
VIH2
P01, P03, P04, P10, P14 to P17,
P30, P43, P44, P50, P53 to P55,
P80, P81, P142, P143
TTL input buffer
4.0 V
≤ EVDD0 ≤ 5.5 V
2.2
EVDD0
V
TTL input buffer
3.3 V
≤ EVDD0 < 4.0 V
2.0
EVDD0
V
TTL input buffer
2.4 V
≤ EVDD0 < 3.3 V
1.5
EVDD0
V
VIH3
P20 to P27, P150 to P156
0.7 VDD
VDD
V
VIH4
P60 to P63
0.7 EVDD0
6.0
V
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8 VDD
VDD
V
Input voltage, low
VIL1
P00 to P06, P10 to P17, P30,
P31, P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P140 to P147
Normal input buffer
0
0.2 EVDD0
V
VIL2
P01, P03, P04, P10, P14 to P17,
P30, P43, P44, P50, P53 to P55,
P80, P81, P142, P143
TTL input buffer
4.0 V
≤ EVDD0 ≤ 5.5 V
00.8
V
TTL input buffer
3.3 V
≤ EVDD0 < 4.0 V
00.5
V
TTL input buffer
2.4 V
≤ EVDD0 < 3.3 V
00.32
V
VIL3
P20 to P27, P150 to P156
0
0.3 VDD
V
VIL4
P60 to P63
0
0.3 EVDD0
V
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com