Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 131Page - Renesas Technology Corp R5F104FHD Datasheet HTML 132Page - Renesas Technology Corp R5F104FHD Datasheet HTML 133Page - Renesas Technology Corp R5F104FHD Datasheet HTML 134Page - Renesas Technology Corp R5F104FHD Datasheet HTML 135Page - Renesas Technology Corp R5F104FHD Datasheet HTML 136Page - Renesas Technology Corp R5F104FHD Datasheet HTML 137Page - Renesas Technology Corp R5F104FHD Datasheet HTML 138Page - Renesas Technology Corp R5F104FHD Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 135 of 208
Aug 12, 2016
3.3.2
Supply current characteristics
(Notes and Remarks are listed on the next page.)
(1)
Flash ROM: 16 to 64 KB of 30- to 64-pin products
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD1
Operat-
ing mode
HS (high-speed main)
mode Note 5
fHOCO = 64 MHz,
fIH = 32 MHz Note 3
Basic
operation
VDD = 5.0 V
2.4
mA
VDD = 3.0 V
2.4
fHOCO = 32 MHz,
fIH = 32 MHz Note 3
Basic
operation
VDD = 5.0 V
2.1
VDD = 3.0 V
2.1
HS (high-speed main)
mode Note 5
fHOCO = 64 MHz,
fIH = 32 MHz Note 3
Normal
operation
VDD = 5.0 V
5.1
9.3
mA
VDD = 3.0 V
5.1
9.3
fHOCO = 32 MHz,
fIH = 32 MHz Note 3
Normal
operation
VDD = 5.0 V
4.8
8.7
VDD = 3.0 V
4.8
8.7
fHOCO = 48 MHz,
fIH = 24 MHz Note 3
Normal
operation
VDD = 5.0 V
4.0
7.3
VDD = 3.0 V
4.0
7.3
fHOCO = 24 MHz,
fIH = 24 MHz Note 3
Normal
operation
VDD = 5.0 V
3.8
6.7
VDD = 3.0 V
3.8
6.7
fHOCO = 16 MHz,
fIH = 16 MHz Note 3
Normal
operation
VDD = 5.0 V
2.8
4.9
VDD = 3.0 V
2.8
4.9
HS (high-speed main)
mode Note 5
fMX = 20 MHz Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
3.3
5.7
mA
Resonator connection
3.4
5.8
fMX = 20 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
3.3
5.7
Resonator connection
3.4
5.8
fMX = 10 MHz Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
2.0
3.4
Resonator connection
2.1
3.5
fMX = 10 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.0
3.4
Resonator connection
2.1
3.5
Subsystem clock
operation
fSUB = 32.768 kHz Note 4
TA = -40°C
Normal
operation
Square wave input
4.7
6.1
μA
Resonator connection
4.7
6.1
fSUB = 32.768 kHz Note 4
TA = +25°C
Normal
operation
Square wave input
4.7
6.1
Resonator connection
4.7
6.1
fSUB = 32.768 kHz Note 4
TA = +50°C
Normal
operation
Square wave input
4.8
6.7
Resonator connection
4.8
6.7
fSUB = 32.768 kHz Note 4
TA = +70°C
Normal
operation
Square wave input
4.8
7.5
Resonator connection
4.8
7.5
fSUB = 32.768 kHz Note 4
TA = +85°C
Normal
operation
Square wave input
5.4
8.9
Resonator connection
5.4
8.9
fSUB = 32.768 kHz Note 4
TA = +105°C
Normal
operation
Square wave input
7.2
21.0
Resonator connection
7.3
21.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com