Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 49 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 45Page - Cirrus Logic WM8235 Datasheet HTML 46Page - Cirrus Logic WM8235 Datasheet HTML 47Page - Cirrus Logic WM8235 Datasheet HTML 48Page - Cirrus Logic WM8235 Datasheet HTML 49Page - Cirrus Logic WM8235 Datasheet HTML 50Page - Cirrus Logic WM8235 Datasheet HTML 51Page - Cirrus Logic WM8235 Datasheet HTML 52Page - Cirrus Logic WM8235 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
WM8235
Rev 4.6
49
AUTOMATIC GAIN CONTROL (AGC)
The Automatic Gain Control (AGC) function is to adjust the gain to an appropriate level for a range of
input signal levels. The AGC function is enabled by AGC_EN register set to 1. The gain control
process has three stages as shown in Figure 32 below:
AGAIN
AGAIN
0
PEAK
(read only)
Peak
(1)
Peak
(2)
DGAIN
DGAIN
0
AGAIN
DGAIN
Again(N)
DGAIN(x1)
AGC_EN
PEAK_DET
(internal)
Status
of AGC
N line = AGC_APD[2:0]
M line = AGC_DPD[2:0]
1line
Gain caluculation
FLAG_AGC
(read only)
Dgain(M)
SPI
SPI
Cleared peak
value
First rising edge of
PEAK_DET after
AGE_EN=0
Disable
Peak detection for analogue gain
Peak detection for digital gain
Applied calibrated gain
Disable
Peak
(N)
Peak
(1)
Peak
(2)
Peak
(M)
Figure 32 Automatic Gain Control
Analogue Gain Calibration
The analogue gain keep the previous setting (AGAIN) and the digital gain set to x1
(DGAIN=12’d2048) automatically. During the PEAK_DET=high period, peak detection is executed
then calculate an appropriate analogue gain (Again(N)) while PEAK_DET=low period. This period
needs 200 pixels at least. The number of peak detection cycle is selectable by AGC_APD register.
Minimum cycle is 0 (In this case the analogue gain calibration is not executed), Maximum cycle is 7
lines. The peak value is cleared when analogue peak detection finished.
Digital Gain Calibration
The analogue gain is set to the calibrated value (Again(N)), and the digital gain is set to x1
(DGAIN=12’d2048) automatically. Then peak detection and digital gain calibration are executed. Also,
the number of peak detection line is selectable by AGC_DPD register. Minimum cycle is 0 (In this
case the digital gain calibration is not executed), Maximum cycle is 7 lines.
Applied Calibrated Analogue and Digital Gain
The analogue and digital gain are holding calibrated value until AGC_EN register set to 0.
Again(N) = AGC_TARGETINP* / peak(n) x AGAIN
Dgain(M) = (AGC_TARGETINP*
– TARGETINP*) / (peak(M) – TARGETINP*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com