Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 87Page - Cirrus Logic WM8235 Datasheet HTML 88Page - Cirrus Logic WM8235 Datasheet HTML 89Page - Cirrus Logic WM8235 Datasheet HTML 90Page - Cirrus Logic WM8235 Datasheet HTML 91Page - Cirrus Logic WM8235 Datasheet HTML 92Page - Cirrus Logic WM8235 Datasheet HTML 93Page - Cirrus Logic WM8235 Datasheet HTML 94Page - Cirrus Logic WM8235 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
WM8235
Rev 4.6
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R74 (4Ah)
BLC IN3
target
7:0
TARGETIN3[7:0]
0000_0000
target black level for IN3
Register 4Ah BLC IN3 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R75 (4Bh)
BLC IN4
target
7:0
TARGETIN4[7:0]
0000_0000
target black level for IN4
Register 4Bh BLC IN4 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R76 (4Ch)
BLC IN5
target
7:0
TARGETIN5[7:0]
0000_0000
target black level for IN5
Register 4Ch BLC IN5 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R77 (4Dh)
BLC IN6
target
7:0
TARGETIN6[7:0]
0000_0000
target black level for IN6
Register 4Dh BLC IN6 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R78 (4Eh)
BLC IN7
target
7:0
TARGETIN7[7:0]
0000_0000
target black level for IN7
Register 4Eh BLC IN7 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R79 (4Fh)
BLC IN8
target
7:0
TARGETIN8[7:0]
0000_0000
target black level for IN8
Register 4Fh BLC IN8 target
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R80 (50h)
BLC IN9
target
7:0
TARGETIN9[7:0]
0000_0000
target black level for IN9
Register 50h BLC IN9 target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com