Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 70Page - Cirrus Logic WM8235 Datasheet HTML 71Page - Cirrus Logic WM8235 Datasheet HTML 72Page - Cirrus Logic WM8235 Datasheet HTML 73Page - Cirrus Logic WM8235 Datasheet HTML 74Page - Cirrus Logic WM8235 Datasheet HTML 75Page - Cirrus Logic WM8235 Datasheet HTML 76Page - Cirrus Logic WM8235 Datasheet HTML 77Page - Cirrus Logic WM8235 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
WM8235
74
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4:0
VRLC_VSEL[4:0
]
0_1010
VRLC output voltage setting
when VRLC_TOP_SEL=0 (AVDD)
3.3/AVDD * ( 0.2 + 0.09xVRLC_VSEL[4:0])
when VRLC_TOP_SEL=1 (1.6V)
1.6 - 0.048*(31-VRLC_VSEL[4:0])
Register 06h VRLC control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h)
output
control
7
OE_OP
0
output enable of dataout (CMOS/LVDS)
when HIZCTRL=0
0= Hi-Z
1= enable dataout
when HIZCTRL=1
OE_OP state is neglected and enable dataout
6
OUTPD
1
control data output
0 = enable data output
1 = mask data output (data out=0)
5
CMOSMODE
0
enable CMOS output mode
0 = LVDS output mode based on LVDSMODE[2:0]
1 = CMOS output mode
4
OUTSYNC
0
enable syncronous output mode
0 = continuous
1 = syncronized dataout with LineStart signal
3
LVDSORDER
0
control LVDS data output order
0 = descending order
1 = ascending order
2:0
LVDSMODE[2:0
]
000
select LVDS dataoutput format
000 = 10bit 5pair + clk
001 = 10bit 3pair + clk
011 = 12bit 4pair + clk
101 = 16bit 5pair + clk
110 = 16bit 3pair + clk
Others = reserved
Register 07h output control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R8 (08h)
LVDS control
6
LVDS_POL
0
invert LVDS outputs polarity
0 = normal
1 = inverted
5:3
LVDS_AMP[2:0]
110
LVDS amplitude select
000 = 50mV
001 = 100mV
010 = 150mV
011 = 200mV
All other codes are Reserved.
Note that the default code (110) should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com