Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 83 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 79Page - Cirrus Logic WM8235 Datasheet HTML 80Page - Cirrus Logic WM8235 Datasheet HTML 81Page - Cirrus Logic WM8235 Datasheet HTML 82Page - Cirrus Logic WM8235 Datasheet HTML 83Page - Cirrus Logic WM8235 Datasheet HTML 84Page - Cirrus Logic WM8235 Datasheet HTML 85Page - Cirrus Logic WM8235 Datasheet HTML 86Page - Cirrus Logic WM8235 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
WM8235
Rev 4.6
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0010 = 3
0011 = 4
0100 = 6
0101 = 8
0110 = 9
0111 = 12
1000 = 18
1001 to 1111 = reserved.
Register 1Dh PLL divider control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R35 (23h)
Cycle mode
control
3:2
INTM[1:0]
00
When LINEBYLINE=1,
controls the GAIN and DAC mux selector when ACYC=0
00 = IN7
01 = IN8
10 = IN9
11 = reserved
1
ACYC
0
when LINEBYLINE=1, determines the function of the MUX
control
0 = decided by INTM register
1= auto-cycling enabled
0
LINEBYLINE
0
select line by line operation
0=normal operation
1=Line by Line operation
Register 23h cycle mode control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R36 (24h)
DAC IN1
7:0
DACIN1[7:0]
1000_0000
DACIN1offset value
250 * (DACIN1[7:0] -127.5) / 127.5 [mV]
Register 24h DAC IN1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R37 (25h)
DAC IN2
7:0
DACIN2[7:0]
1000_0000
DACIN2 offset value
250 * (DACIN2[7:0] -127.5) / 127.5 [mV]
Register 25h DAC IN2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R38 (26h)
DAC IN3
7:0
DACIN3[7:0]
1000_0000
DACIN3offset value
250 * (DACIN3[7:0] -127.5) / 127.5 [mV]
Register 26h DAC IN3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R39 (27h)
7:0
DACIN4[7:0]
1000_0000
DACIN4offset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com