Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 70 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 66Page - Cirrus Logic WM8235 Datasheet HTML 67Page - Cirrus Logic WM8235 Datasheet HTML 68Page - Cirrus Logic WM8235 Datasheet HTML 69Page - Cirrus Logic WM8235 Datasheet HTML 70Page - Cirrus Logic WM8235 Datasheet HTML 71Page - Cirrus Logic WM8235 Datasheet HTML 72Page - Cirrus Logic WM8235 Datasheet HTML 73Page - Cirrus Logic WM8235 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
WM8235
70
Rev 4.6
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R218 (DAh) Toggle point 5 MSB
EN_TP5
TP5[14:8]
00h
R219 (DBh) Toggle point 6 LSB
TP6[7:0]
00h
R220 (DCh) Toggle point 6 MSB
EN_TP6
TP6[14:8]
00h
R221 (DDh) Toggle point 7 LSB
TP7[7:0]
00h
R222 (DEh) Toggle point 7 MSB
EN_TP7
TP7[14:8]
00h
R223 (DFh) Toggle point 8 LSB
TP8[7:0]
00h
R224 (E0h) Toggle point 8 MSB
EN_TP8
TP8[14:8]
00h
R225 (E1h) Toggle point 9 LSB
TP9[7:0]
00h
R226 (E2h) Toggle point 9 MSB
EN_TP9
TP9[14:8]
00h
R227 (E3h) Toggle point 10 LSB
TP10[7:0]
00h
R228 (E4h) Toggle point 10 MSB
EN_TP10
TP10[14:8]
00h
R229 (E5h) Toggle point 11 LSB
TP11[7:0]
00h
R230 (E6h) Toggle point 11 MSB
EN_TP11
TP11[14:8]
00h
R231 (E7h) Toggle point 12 LSB
TP12[7:0]
00h
R232 (E8h) Toggle point 12 MSB
EN_TP12
TP12[14:8]
00h
R233 (E9h) Toggle point 13 LSB
TP13[7:0]
00h
R234 (EAh) Toggle point 13 MSB
EN_TP13
TP13[14:8]
00h
R235 (EBh) Toggle point 14 LSB
TP14[7:0]
00h
R236 (ECh) Toggle point 14 MSB
EN_TP14
TP14[14:8]
00h
R237 (EDh) Toggle point 15 LSB
TP15[7:0]
00h
R238 (EEh) Toggle point 15 MSB
EN_TP15
TP15[14:8]
00h
R239 (EFh) Toggle point 16 LSB
TP16[7:0]
00h
R240 (F0h) Toggle point 16 MSB
EN_TP16
TP16[14:8]
00h
R241 (F1h) Toggle point 17 LSB
TP17[7:0]
00h
R242 (F2h) Toggle point 17 MSB
EN_TP17
TP17[14:8]
00h
R243 (F3h) Toggle point 18 LSB
TP18[7:0]
00h
R244 (F4h) Toggle point 18 MSB
EN_TP18
TP18[14:8]
00h
R245 (F5h) Toggle point 19 LSB
TP19[7:0]
00h
R246 (F6h) Toggle point 19 MSB
EN_TP19
TP19[14:8]
00h
R247 (F7h) Toggle point 20 LSB
TP20[7:0]
00h
R248 (F8h) Toggle point 20 MSB
EN_TP20
TP20[14:8]
00h
R249 (F9h) Toggle point 21 LSB
TP21[7:0]
00h
R250 (FAh) Toggle point 21 MSB
EN_TP21
TP21[14:8]
00h
R251 (FBh) Toggle point 22 LSB
TP22[7:0]
00h
R252 (FCh) Toggle point 22 MSB
EN_TP22
TP22[14:8]
00h
R253 (FDh) Toggle point 23 LSB
TP23[7:0]
00h
R254 (FEh) Toggle point 23 MSB
EN_TP23
TP23[14:8]
00h
R255 (FFh) Toggle point 24 LSB
TP24[7:0]
00h
R256 (100h) Toggle point 24 MSB
EN_TP24
TP24[14:8]
00h
R257 (101h) Toggle point 25 LSB
TP25[7:0]
00h
R258 (102h) Toggle point 25 MSB
EN_TP25
TP25[14:8]
00h
R259 (103h) Toggle point 26 LSB
TP26[7:0]
00h
R260 (104h) Toggle point 26 MSB
EN_TP26
TP26[14:8]
00h
R261 (105h) Toggle point 27 LSB
TP27[7:0]
00h
R262 (106h) Toggle point 27 MSB
EN_TP27
TP27[14:8]
00h
R263 (107h) Toggle point 28 LSB
TP28[7:0]
00h
R264 (108h) Toggle point 28 MSB
EN_TP28
TP28[14:8]
00h
R265 (109h) Toggle point 29 LSB
TP29[7:0]
00h
R266 (10Ah) Toggle point 29 MSB
EN_TP29
TP29[14:8]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com