Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 72 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 68Page - Cirrus Logic WM8235 Datasheet HTML 69Page - Cirrus Logic WM8235 Datasheet HTML 70Page - Cirrus Logic WM8235 Datasheet HTML 71Page - Cirrus Logic WM8235 Datasheet HTML 72Page - Cirrus Logic WM8235 Datasheet HTML 73Page - Cirrus Logic WM8235 Datasheet HTML 74Page - Cirrus Logic WM8235 Datasheet HTML 75Page - Cirrus Logic WM8235 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
WM8235
72
Rev 4.6
R448 (1C0h) USER_KEY2
0
0
0
0
0
0
0
USER_KEY2
00h
R459 (1CBh) Comp control
0
0
0
0
0
0
PT_COMP[1:0]
01h
Notes:
1.
To change the LDO2 control, the USER_KEY bit must be set to ‘1’.
2.
If it’s not required to change this register, it must be set as default.
3.
To change the Comp control, the USER_KEY2 bit must be set to ‘1’.
4.
If it’s not required to change this register, must be set as default.
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset/Chip
ID 1
7:0
SW_RESET_
CHIP_ID[7:0]
0011_0101
A write issues a software reset, and returns all control
registers to their default values.
A read returns lower bits of the device ID
Register 00h Software Reset/Chip ID 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Chip ID 2
7:0
CHIP_ID[7:0]
1000_0010
A read returns upper bits of the device ID
Register 01h Chip ID 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Chip Rev
3:0
CHIP_REV[3:0]
0000
A read returns the device revision number
Register 02h Chip Rev
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Setup Reg 1
4
CHZPD
0
ADC powerdown control for channel 7&8&9
(related PGA and digits goes power down)
0 = normal operation
1 = power down
3
CHYPD
0
ADC powerdown control for channel 4&5&6
(related PGA and digits goes power down)
0 = normal operation
1 = power down
2
CHXPD
0
ADC powerdown control for channel 1&2&3
(related PGA and digits goes power down)
0 = normal operation
1 = power down
1
PDMD
0
power down mode
0 : standby
1 : sleep
0
PD
0
power down
0 : normal operation
1 : power down
Register 03h Setup Reg 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com