Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 81Page - Cirrus Logic WM8235 Datasheet HTML 82Page - Cirrus Logic WM8235 Datasheet HTML 83Page - Cirrus Logic WM8235 Datasheet HTML 84Page - Cirrus Logic WM8235 Datasheet HTML 85Page - Cirrus Logic WM8235 Datasheet HTML 86Page - Cirrus Logic WM8235 Datasheet HTML 87Page - Cirrus Logic WM8235 Datasheet HTML 88Page - Cirrus Logic WM8235 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 154 page
background image
WM8235
Rev 4.6
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
AGAIN IN3
4:0
AGAININ3[4:0]
0_0001
PGA IN3 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 2Fh AGAIN IN3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R48 (30h)
AGAIN IN4
4:0
AGAININ4[4:0]
0_0001
PGA IN4 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 30h AGAIN IN4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R49 (31h)
AGAIN IN5
4:0
AGAININ5[4:0]
0_0001
PGA IN5 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 31h AGAIN IN5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R50 (32h)
AGAIN IN6
4:0
AGAININ6[4:0]
0_0001
PGA IN6 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 32h AGAIN IN6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R51 (33h)
AGAIN IN7
4:0
AGAININ7[4:0]
0_0001
PGA IN7 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 33h AGAIN IN7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R52 (34h)
AGAIN IN8
4:0
AGAININ8[4:0]
0_0001
PGA IN8 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 34h AGAIN IN8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R53 (35h)
AGAIN IN9
4:0
AGAININ9[4:0]
0_0001
PGA IN9 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 35h AGAIN IN9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R54 (36h)
7:4
DGAININ1[3:0]
0000
lower bits of digital gain IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com